Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • RPM7136-R

  • AI
    ## Overview of the RPM7136-R The **RPM7136-R** is a high-performance infrared (IR) receiver module designed for remote control systems. It is manufactured by ROHM Semiconductor. This component integrates a photodiode and a specialized IC into a single, compact package, making it highly effective at filtering noise and converting IR light into digital signals. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Carrier Frequency** | 36.0 kHz | | **Supply Voltage (Vcc)** | 4.5V to 5.5V | | **Supply Current** | 1.5 mA (typical) | | **Detection Distance** | Up to 15 meters | | **Output Type** | Active Low (Digital) | | **Operating Temperature** | -10°C to +75°C | --- ### 2. Internal Block Components The "Electronic Parts" inside the RPM7136-R consist of several stages to ensure the signal is clean and usable by a microcontroller: 1. **Photodiode:** Captures the incoming IR light and converts it into a small electrical current. 2. **Preamplifier:** Boosts the weak signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts the sensitivity based on ambient light levels to prevent saturation and interference. 4. **Band Pass Filter (BPF):** Specifically tuned to **36.0 kHz**. This ensures that only the intended IR signal is processed, blocking light from sources like sunlight or fluorescent bulbs. 5. **Demodulator & Integrator:** Removes the 36kHz carrier wave and leaves only the digital data envelope. 6. **Output Driver:** An open-collector transistor (usually with an internal pull-up resistor) that outputs the final signal. --- ### 3. Pin Configuration The device typically features three pins. While you should always check the specific datasheet for your PCB layout, the standard configuration is: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Vout** | Digital Signal Output (Connects to MCU) | | 2 | **GND** | Ground (0V) | | 3 | **Vcc** | Power Supply (4.5V - 5.5V) | --- ### 4. Implementation Circuit To ensure stable operation, a simple RC filter is recommended for the power line to suppress noise. ```cpp // Example: Basic logic for reading RPM7136-R on an Arduino int irPin = 2; // Vout connected to Digital Pin 2 void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int status = digitalRead(irPin); if (status == LOW) { // Signal Detected (Active Low) Serial.println("IR Signal Received"); } } ``` --- ### 5. Notable Features * **High RFI Immunity:** Excellent protection against radio frequency interference. * **Low Voltage Operation:** Compatible with standard 5V logic systems. * **Integrated Shielding:** Often comes with a metal or molded resin shield to minimize electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What is the difference between the RPM7136-R and the RPM7138-R?
    • ⤷ How do I calculate the external resistor values for the RC filter?
    • ⤷ Can this module be used for high-speed data transmission?