REF2025
AI

### Overview of the REF2025
The **REF2025** is a high-precision, low-drift, low-power **Dual-Output Voltage Reference** manufactured by Texas Instruments. It is unique because it provides both a stable voltage reference ($V_{REF}$) and a buffered $V_{REF}/2$ output, which is specifically designed for biasing differential signals in single-supply systems.
---
### Key Technical Specifications
The following table summarizes the primary electrical characteristics of the REF2025:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage ($V_{REF}$)** | 2.5 V |
| **Bias Output ($V_{BIAS}$)** | 1.25 V ($V_{REF} / 2$) |
| **Initial Accuracy** | $\pm 0.05\%$ (max) |
| **Temperature Drift** | 8 ppm/°C (max) |
| **Operating Supply Range** | $V_{REF} + 0.05V$ to 5.5 V |
| **Quiescent Current** | 360 $\mu$A (typical) |
| **Output Current Drive** | $\pm 10$ mA |
| **Package** | SOT-23 (8-pin) |
---
### Core Electronic Components & Features
#### 1. Dual Output Architecture
Unlike standard references, the REF2025 features two distinct outputs:
* **$V_{REF}$ Pin:** Provides the main stable 2.5V reference.
* **$V_{BIAS}$ Pin:** Provides a buffered voltage exactly half of $V_{REF}$. This is critical for ADC applications where a common-mode voltage is required to center an AC signal within the ADC's dynamic range.
#### 2. Internal Buffer
The device includes an integrated buffer for the $V_{BIAS}$ output. This means it can source or sink up to 10mA without requiring an external operational amplifier, saving PCB space and reducing component count.
#### 3. Low Dropout (LDO) Characteristics
The REF2025 is a low-dropout device. It can maintain a stable 2.5V output even if the input supply ($V_{IN}$) is as low as 2.55V. This makes it ideal for battery-operated devices using 3.3V rails.
#### 4. Temperature Stability
The device is designed with high-grade silicon compensation circuits to ensure that the voltage remains stable across the industrial temperature range (-40°C to +125°C).
---
### Typical Application Circuit
In a typical mixed-signal circuit, the REF2025 is connected as follows:
```mermaid
graph LR
Input[3.3V Supply] --> VIN[REF2025 VIN]
REF2025 --> VREF[2.5V to ADC Ref Pin]
REF2025 --> VBIAS[1.25V to Sensor Bias]
GND[System Ground] --- REF2025
```
---
### Applications
* **Precision Data Acquisition:** Providing the reference for 12-bit to 16-bit ADCs.
* **Differential Signaling:** Biasing instrumentation amplifiers.
* **Medical Instrumentation:** ECG/EEG signal conditioning where a precise "virtual ground" is needed.
* **Industrial Process Control:** Bridge sensor excitation.
- ⤷
What are the advantages of using the VBIAS pin over a simple resistor divider?
- ⤷ How does the REF2025 compare to the REF30 series in terms of noise?
- ⤷ Can the REF2025 be used with a 5V supply for a 2.5V output?