RB520S30-CC2-R
AI

## Overview of RB520S30-CC2-R
The **RB520S30-CC2-R** is a high-performance **Schottky Barrier Diode** primarily used for rectification and switching in compact electronic circuits. It is designed to provide low forward voltage drops and fast switching speeds, making it ideal for battery-powered devices.
---
### 1. Key Technical Specifications
The following table highlights the critical electrical characteristics of the RB520S30-CC2-R:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Peak Reverse Voltage** | $V_{RM}$ | 30 | Volts (V) |
| **DC Reverse Voltage** | $V_R$ | 30 | Volts (V) |
| **Mean Rectifying Current** | $I_O$ | 200 | Milliamps (mA) |
| **Peak Forward Surge Current** | $I_{FSM}$ | 1.0 | Amps (A) |
| **Forward Voltage (Max)** | $V_F$ | 0.60 (@ 200mA) | Volts (V) |
| **Reverse Current (Max)** | $I_R$ | 1.0 (@ 30V) | Microamps (µA) |
| **Operating Temperature** | $T_j$ | -55 to +150 | °C |
---
### 2. Physical and Packaging Details
The "CC2" suffix generally refers to the specific package type, which is usually the **SOD-523** (also known as SC-79).
* **Package Type:** SOD-523 (Small Outline Diode).
* **Dimensions:** Extremely small footprint (approx. 1.2 x 0.8 mm).
* **Mounting Type:** Surface Mount Device (SMD).
* **Lead Finish:** Lead-free (RoHS Compliant).
---
### 3. Functional Applications
Due to its low power loss and high efficiency, this diode is commonly found in:
1. **Mobile Devices:** Cell phones and tablets for power management.
2. **Reverse Polarity Protection:** Protecting sensitive circuits from battery insertion errors.
3. **High-Speed Switching:** Used in signal logic and high-frequency rectification.
4. **Voltage Clamping:** Preventing voltage spikes from damaging components.
---
### 4. Advantages & Limitations
#### Advantages
* **Low $V_F$:** Minimizes power dissipation, extending battery life.
* **Ultra-Small Size:** Saves significant PCB (Printed Circuit Board) real estate.
* **High Reliability:** Stable performance across a wide temperature range.
#### Limitations
* **Low Current:** Limited to 200mA; not suitable for high-power rectification.
* **Reverse Leakage:** Like all Schottky diodes, it has higher reverse leakage current compared to standard silicon diodes, especially at high temperatures.
---
- ⤷
What are the equivalent alternative part numbers for the RB520S30-CC2-R?
- ⤷ How does the forward voltage drop of this Schottky diode compare to a standard 1N4148 diode?
- ⤷ Can this diode be used in high-frequency RF applications above 1GHz?