Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • RB34412103

  • AI
    The part number **RB34412103** refers to a high-performance **Standard Recovery Rectifier Diode**, typically manufactured by companies like IR (International Rectifier, now Infineon) or specialized industrial power component suppliers. --- ### 1. Technical Specifications This component is designed for heavy-duty industrial power rectification. Below are the primary electrical characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Type** | Standard Recovery | General-purpose rectification | | **Voltage (V_RRM)** | 1200V | Maximum repetitive peak reverse voltage | | **Current (I_F_AVG)** | ~340A to 400A | Average forward current (depends on cooling) | | **Configuration** | Single Diode | One PN junction per unit | | **Mounting** | Stud Mount | Typically a threaded bolt (e.g., 3/4" - 16UNF) | | **Polarity** | Normal/Reverse | Can be Cathode-to-stud or Anode-to-stud | --- ### 2. Key Features * **High Surge Capacity:** Designed to handle high momentary current spikes without failure. * **Rugged Construction:** Encased in a metal stud-mount package (often DO-9 or similar) to ensure efficient heat dissipation through a heatsink. * **Low Forward Voltage Drop:** Optimizes efficiency by reducing power loss during conduction. * **Wide Temperature Range:** Usually rated for operation between -40°C and +150°C. --- ### 3. Common Applications Due to its high voltage and current ratings, this part is used in large-scale electrical systems: 1. **Industrial Power Supplies:** Converting AC to DC for heavy machinery. 2. **Battery Chargers:** High-capacity chargers for forklifts or backup power banks. 3. **Welding Equipment:** Rectifying the output of welding transformers. 4. **Motor Drives:** Used in the bridge rectifier stage of variable frequency drives (VFDs). 5. **Traction Systems:** Powering DC motors in rail or maritime transport. --- ### 4. Identification & Substitutes When replacing this part, it is critical to verify the **Polarity**. * If the part number has an **"R" suffix** (e.g., RB34412103**R**), it usually indicates **Reverse Polarity** (Anode is the stud). * Standard polarity usually means the **Cathode** is the stud.
    ✨ Follow-up Questions
    • ⤷ How do I test if this diode is functioning correctly using a multimeter?
    • ⤷ What are the recommended torque settings for mounting a stud-type diode?
    • ⤷ Can you provide a list of equivalent part numbers from other manufacturers?