Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • RB34412100

  • AI
    The model number **RB34412100** typically identifies a specific **linear slide potentiometer** (often manufactured by companies like Alps Alpine or similar electronic component distributors). These parts are commonly used in audio equipment, lighting consoles, and control panels. Below is a detailed breakdown of the electronic and mechanical characteristics of this component. --- ### 1. General Specifications The RB34412100 is designed for precision control of electrical signals via a sliding mechanism. | Feature | Description | | :--- | :--- | | **Component Type** | Linear Slide Potentiometer | | **Resistance Value** | Usually 10kΩ or 100kΩ (Refer to specific datasheet suffix) | | **Resistance Taper** | Linear (Type B) or Audio/Logarithmic (Type A) | | **Travel Length** | 30mm to 60mm (Standard for the RB series) | | **Number of Elements** | Single Unit (Mono) or Dual Unit (Stereo) | | **Mounting Type** | Through-hole (PCB Mount) | --- ### 2. Key Electronic Parts & Construction The internal assembly of the RB34412100 consists of several critical layers: * **Resistive Element:** A carbon film or conductive plastic track. As the wiper moves along this track, the electrical resistance changes proportionally to the position. * **Wiper (Contact):** A metal brush assembly that slides across the resistive element to "pick up" the voltage at a specific point. * **Terminals:** Usually three pins per channel: 1. **Input (High):** Connected to the source voltage. 2. **Output (Wiper):** The variable voltage output. 3. **Ground (Low):** Connected to the common ground. * **Dust Cover:** Many RB series sliders include a felt or plastic membrane to prevent dust from interfering with the electrical contact. --- ### 3. Applications These parts are found in various electronic interfaces due to their tactile feedback and linear accuracy: 1. **Audio Mixing Consoles:** Used as "faders" to control volume levels or EQ parameters. 2. **Dimmer Controls:** Integrated into professional lighting desks to adjust intensity. 3. **Industrial Equipment:** Used as position sensors or manual set-point adjusters. 4. **Consumer Electronics:** Found in older Equalizers and Hi-Fi systems. --- ### 4. Technical Schematic Concept In a circuit, the RB34412100 functions as a **Voltage Divider**. ```circuit V_in (Pin 1) ----[ Resistive Element ]---- Ground (Pin 3) ^ | V_out (Pin 2 - Wiper) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and taper for the RB34412100?
    • ⤷ Can this potentiometer be used for high-power DC motor speed control directly?
    • ⤷ What are the mechanical dimensions and mounting hole spacing for this part?