Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • RA0026F

  • AI
    The **RA0026F** is a high-performance, single-chip CMOS integrated circuit designed specifically for **Digital Weight Scale** applications. It integrates a high-precision analog-to-digital converter (ADC) with a microprocessor and LCD driver, making it an "all-in-one" solution for electronic weighing equipment. --- ### 1. Key Technical Specifications The RA0026F is optimized for low-power consumption and high resolution. Below are the primary technical parameters: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 2.4V to 3.6V | | **ADC Resolution** | 24-bit (High Precision) | | **Output Type** | LCD Driver (Direct Drive) | | **Internal Memory** | Built-in ROM/RAM for calibration data | | **Interface** | I2C / Serial options (depending on variant) | | **Package Type** | LQFP-64 or Die form | --- ### 2. Core Functional Blocks The internal architecture of the RA0026F consists of several critical electronic stages: #### A. Analog Front End (AFE) * **PGA (Programmable Gain Amplifier):** Amplifies the tiny millivolt (mV) signals from the load cell (pressure sensor). * **Σ-Δ ADC:** Converts the analog voltage into a digital value with up to 24-bit precision, allowing the scale to detect very small weight increments. #### B. Digital Control Unit * **MCU Core:** Handles the mathematical calculations for weight conversion (e.g., converting counts to kilograms or pounds). * **Calibration Logic:** Stores "Zero" and "Span" calibration factors to ensure accuracy over time. #### C. Power Management * **Low Quiescent Current:** Designed for battery-operated devices; it features a "Sleep Mode" that draws minimal current when the scale is not in use. * **Regulator:** Includes an internal regulator to provide a stable excitation voltage to the load cell. --- ### 3. Typical Application Circuit In a standard electronic scale design, the RA0026F acts as the central hub. ```mermaid graph LR A[Load Cell / Bridge Sensor] -->|Analog Signal| B(RA0026F IC) B -->|Driving Signal| C[LCD Display] D[Buttons/Tare/Unit] --> B E[Battery 3V] --> B ``` ### 4. Common Use Cases 1. **Body Fat Scales:** Used in conjunction with BIA (Bioelectrical Impedance Analysis) modules. 2. **Kitchen Scales:** High precision for small measurements (grams). 3. **Luggage Scales:** Portable, low-power hand-held devices. 4. **Pocket Scales:** Ultra-compact designs requiring minimal external components. ---
    ✨ Follow-up Questions
    • What is the pinout configuration for the RA0026F LQFP package?
    • How does the RA0026F handle temperature compensation for load cells?
    • What are the programming requirements for calibrating a scale using this IC?