AI

## Analysis of the R10S-R2X1-DC Relay
The **R10S-R2X1-DC** is a specialized, low-profile electromechanical relay commonly manufactured by brands like **TE Connectivity / Potter & Brumfield**. It is widely recognized for its high sensitivity and ability to interface directly with low-power electronic circuits.
---
### 1. Part Number Breakdown
To understand the electronic capabilities, we must decode the nomenclature:
| Code | Component Segment | Description |
| :--- | :--- | :--- |
| **R10** | Series | General purpose, low-profile cradle relay. |
| **S** | Sensitivity | **Super-sensitive** version (requires very low coil power). |
| **R2** | Contact Arrangement | **2 Form C** (DPDT - Double Pole Double Throw). |
| **X1** | Mounting/Terminal | PC Board terminals (Plug-in or solder). |
| **DC** | Input Type | Direct Current operation. |
---
### 2. Key Electronic Specifications
#### A. Coil Characteristics
The "S" designation indicates a highly sensitive coil. Unlike standard relays that might require 500mW to 1W to actuate, this series typically operates in the **milliwatt (mW)** range.
* **Typical Coil Power:** Often as low as 20mW to 100mW depending on the specific voltage rating.
* **Voltage Options:** Available in standard DC voltages (e.g., 5V, 12V, 24V, 48V).
#### B. Contact Ratings
The contacts are designed for signal switching rather than heavy power loads.
* **Contact Configuration:** DPDT (2 Form C).
* **Current Rating:** Generally rated for **2 Amperes** at 28VDC or 120VAC.
* **Contact Material:** Typically Gold-plated Silver or Silver-Cadmium Oxide, optimized for low contact resistance.
#### C. Performance Metrics
* **Operating Time:** Approx. 15ms.
* **Release Time:** Approx. 10ms.
* **Insulation Resistance:** 1,000 MΩ minimum.
* **Dielectric Strength:** 500V rms between open contacts; 1,000V rms between all other elements.
---
### 3. Application Use Cases
Because of its high sensitivity and DPDT configuration, the R10S-R2X1-DC is found in:
1. **Transistor-driven circuits:** Can often be driven directly by a small NPN/PNP transistor without needing an intermediate power stage.
2. **Telecommunications:** Signal routing and switching.
3. **Battery Powered Equipment:** Where low power consumption during relay engagement is critical.
4. **Control Systems:** Interfacing microprocessors with small motorized or lighting loads.
---
### 4. Circuit Diagram Representation
When integrating this part into a schematic, the pinout follows a standard "Cradle" relay pattern:
```text
Coil (+) [1] ---- ( ) ---- [2] Coil (-)
/
Pole 1 (COM) [3] ----o .---- [4] (NC)
\ `--- [5] (NO)
/
Pole 2 (COM) [6] ----o .---- [7] (NC)
\ `--- [8] (NO)
```
- ⤷
What is the exact coil resistance for the 12V version of this relay?
- ⤷ Can this relay be used to switch inductive loads like small motors?
- ⤷ What are the physical dimensions and mounting footprint for the X1 terminal style?