Q25-SP6-R
AI

The **Q25-SP6-R** is a specific electronic component, typically categorized as a **Circular Plastic Connector (CPC)** or a specialized **multi-pin signal connector**, often utilized in industrial control systems and sensing applications.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
## 1. Technical Specifications
The "Q25" series generally refers to the mounting diameter (25mm) or a specific series designation by manufacturers like Banner Engineering or similar industrial part providers.
| Feature | Specification |
| :--- | :--- |
| **Mounting Type** | Panel Mount / Threaded |
| **Diameter** | 25 mm |
| **Contact Gender** | Socket / Female (typically indicated by 'S') |
| **Number of Pins** | 6 Pins |
| **Contact Material** | Gold-plated Brass or Copper Alloy |
| **Housing Material** | Polycarbonate or Thermoplastic |
| **Ingress Protection** | IP67 (when mated) |
---
## 2. Key Electronic Components
### A. Contact Configuration (The "6-R" suffix)
* **Pin Arrangement:** The 6 pins are usually arranged in a circular pattern to ensure high-density signal transmission in a compact 25mm footprint.
* **Voltage Rating:** Typically rated for **150V to 250V AC/DC** depending on the insulation thickness between pins.
* **Current Capacity:** Standard versions support **2A to 5A per contact**.
### B. Signal Integrity
The "R" in the part number often signifies a **Right-Angle** orientation or a **Reverse** keying mechanism.
* **Shielding:** Designed to minimize Electromagnetic Interference (EMI) if used with shielded cabling.
* **Coupling:** Uses a threaded coupling nut to ensure a secure electronic connection that is vibration-resistant.
---
## 3. Application Use Cases
The Q25-SP6-R is engineered for environments where a standard consumer-grade plug would fail.
1. **Industrial Sensors:** Connecting photo-eyes, ultrasonic sensors, or proximity switches to a main control panel.
2. **Robotics:** Used in "end-of-arm" tooling where 6-wire communication (Power, Ground, and 4 Signal lines) is required.
3. **Medical Equipment:** Used in diagnostic devices requiring a locking, sterilizable-surface connector.
---
## 4. Wiring Diagram Representation
In a standard 6-pin electronic setup for this part, the wiring usually follows this logic:
```text
Pin 1: V+ (Brown)
Pin 2: Signal Out / White
Pin 3: V- (Blue)
Pin 4: Signal Out / Black
Pin 5: Control/Gray
Pin 6: Shield/Ground
```
---
- ⤷
What is the exact manufacturer of your Q25-SP6-R unit (e.g.
- ⤷ Banner Engineering)?
- ⤷ Do you need the pinout diagram for a specific sensor integration?
- ⤷ Are you looking for a compatible mating cable for this connector?