PSE104-R36M
AI

The **PSE104-R36M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It is designed to handle high currents while maintaining a compact footprint.
### 1. Key Technical Specifications
The part number follows a specific nomenclature related to its physical size and electrical properties.
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.36 µH (indicated by "R36") |
| **Tolerance** | Usually ±20% (indicated by "M") |
| **Part Series** | PSE104 |
| **Footprint Size** | Approx. 10.0 x 10.0 mm |
| **Height** | Approx. 4.0 mm |
| **Material** | Carbonyl Iron or Metal Alloy Powder (Shielded) |
---
### 2. Core Features
* **High Current Handling:** Due to its metal composite core, it can handle high saturation currents without a sharp drop in inductance.
* **Magnetic Shielding:** The construction minimizes Electromagnetic Interference (EMI), making it suitable for densely packed circuit boards.
* **Low DCR (DC Resistance):** It is designed with thick copper wire to minimize power loss and heat generation.
* **Soft Saturation:** Unlike ferrite cores that lose inductance suddenly, this part exhibits a gradual saturation curve.
---
### 3. Application Use-Cases
These inductors are typically found in the power stages of modern electronics:
1. **Voltage Regulator Modules (VRM):** Used in CPU and GPU power supplies on motherboards.
2. **Point of Load (POL) Converters:** Used to step down voltage for specific ICs on a PCB.
3. **High-current DC/DC Converters:** Found in automotive electronics and industrial power supplies.
4. **Battery Powered Devices:** Used where high efficiency is required to extend battery life.
---
### 4. Circuit Representation
In a schematic, the PSE104-R36M is represented as a standard inductor, typically placed in the output filter stage of a buck converter.
```spice
* Typical Buck Converter Output Stage
L1 Input_Node Output_Node 0.36uH ; The PSE104-R36M
C1 Output_Node GND 100uF ; Smoothing Capacitor
```
- ⤷
What is the maximum saturation current rating for the PSE104-R36M?
- ⤷ How does 'soft saturation' in metal alloy inductors differ from ferrite cores?
- ⤷ What are the recommended soldering profile settings for this SMD part?