Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • PRCP-R1100

  • AI
    The **PRCP-R1100** is a specific model of a **Polymeric Positive Temperature Coefficient (PPTC)** resettable fuse, manufactured by Bourns. These components are commonly used for overcurrent and overtemperature protection in electronic circuits. --- ## 1. Technical Specifications The PRCP-R series is known for its radial-leaded form factor. Below are the core technical parameters for the **R1100** variant: | Parameter | Value | Description | | :--- | :--- | :--- | | **Hold Current ($I_{hold}$)** | 11.0 A | The maximum current the device will pass without tripping at 23°C. | | **Trip Current ($I_{trip}$)** | 22.0 A | The minimum current at which the device will transition to a high-resistance state. | | **Max Voltage ($V_{max}$)** | 16 V | The maximum voltage the device can withstand without damage. | | **Max Current ($I_{max}$)** | 100 A | The maximum fault current the device can safely interrupt. | | **Power Dissipation ($P_d$)** | 7.0 W | Power dissipated when the device is in the tripped state. | | **Resistance ($R_{min}$ / $R_{max}$)** | 0.003 / 0.006 $\Omega$ | Initial resistance range of the device before tripping. | --- ## 2. Functional Principles The PRCP-R1100 operates based on the physical properties of conductive polymers: ### Normal Operation In standard conditions, the conductive particles inside the polymer form low-resistance chains, allowing current to flow freely to the load. ### Overcurrent Event When a fault occurs (current exceeds 22A), the $I^2R$ heating causes the polymer matrix to expand. This expansion breaks the conductive chains, causing the resistance to increase exponentially. ### Reset Mechanism Once the fault is removed and the device cools down, the polymer contracts, the conductive paths are restored, and the fuse "resets" to a low-resistance state. Unlike traditional fuses, it does not need to be replaced after a single trip. --- ## 3. Physical & Design Characteristics - **Packaging:** Radial Leaded (Through-hole mounting). - **Material:** Cured, flame-retardant epoxy polymer meeting UL 94V-0 requirements. - **Lead Material:** Tin-plated copper. - **Marking:** Typically marked with "R1100" and the Bourns logo. --- ## 4. Common Applications Due to its high hold current (11A) and low voltage rating (16V), the PRCP-R1100 is typically found in: * **Automotive Electronics:** Protection for motors, actuators, and lighting modules. * **Computer Peripherals:** High-power USB hubs and internal power rails. * **Rechargeable Battery Packs:** Protection against short circuits during charging or discharging. * **Industrial Controls:** Overload protection for low-voltage power supplies.
    ✨ Follow-up Questions
    • ⤷ How does ambient temperature affect the hold current of the PRCP-R1100?
    • ⤷ What is the typical 'Time to Trip' for this specific model at 55A?
    • ⤷ What are the primary differences between the PRCP-R series and the standard MF-R series?