PM0805-R56K
AI

### Overview of PM0805-R56K
The **PM0805-R56K** is a surface-mount device (SMD) inductor, specifically a high-frequency chip inductor. It is part of the PM0805 series manufactured by Bourns. These components are designed for high-performance RF (Radio Frequency) circuits where stability and precision are required.
---
### Technical Specifications
The following table outlines the key electrical and physical parameters of the PM0805-R56K:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.56 µH (560 nH) |
| **Tolerance** | ±10% (Indicated by the suffix 'K') |
| **Case Size** | 0805 (2.0 mm x 1.25 mm) |
| **Q Factor (Min)** | 45 at 25.2 MHz |
| **Self-Resonant Frequency (Min)** | 250 MHz |
| **DC Resistance (Max)** | 0.95 Ohms |
| **Rated Current (Max)** | 400 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### Key Features and Construction
1. **Material Construction**:
* This inductor typically features a **wire-wound** construction on a ceramic or ferrite core.
* The ceramic core provides excellent high-frequency characteristics and a high Self-Resonant Frequency (SRF).
2. **Size (0805)**:
* The "0805" designation refers to the physical dimensions: **0.08 inches by 0.05 inches**.
* This size offers a balance between power handling and PCB space-saving.
3. **Stability**:
* It is designed to maintain a stable inductance value across a wide temperature range and frequency spectrum.
---
### Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Part Segment | Meaning |
| :--- | :--- |
| **PM** | Series Identifier (Bourns Surface Mount Inductor) |
| **0805** | Package Size (EIA 0805 / Metric 2012) |
| **R56** | Inductance Value: **R** acts as a decimal point = 0.56 µH |
| **K** | Tolerance: **K** represents ±10% |
---
### Applications
The PM0805-R56K is primarily used in high-frequency applications, including:
* **RF Tuning:** Used in resonant circuits for wireless communication.
* **Filtering:** Used in low-pass, high-pass, or band-pass filters to remove noise.
* **Impedance Matching:** Ensuring maximum power transfer between RF stages (e.g., between an antenna and an amplifier).
* **Decoupling:** Blocking high-frequency noise in power supply lines for sensitive RF ICs.
- ⤷
What is the difference between a ceramic core and a ferrite core in 0805 inductors?
- ⤷ How does the Q factor affect the performance of this inductor in a circuit?
- ⤷ Can you provide a cross-reference for an equivalent part from another manufacturer like Murata or TDK?