Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • PLL520-07OC-R

  • AI
    ### Overview of PLL520-07OC-R The **PLL520-07OC-R** is a high-performance, low-power integrated circuit designed for clock distribution and frequency synthesis. It is part of a family of Phase-Locked Loop (PLL) clock buffers, typically used in high-speed networking and telecommunications equipment. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology (formerly PhaseLink) | | **Function** | Phase-Locked Loop (PLL) Clock Generator | | **Input Frequency** | Up to 135 MHz (Typical) | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Voltage Supply** | 3.3V Nominal | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | | **Package Type** | SOIC-16 | | **RoHS Status** | Compliant (R suffix denotes RoHS) | --- ### Core Electronic Components and Architecture The internal architecture of the PLL520-07OC-R consists of several critical functional blocks: 1. **Phase Frequency Detector (PFD):** Compares the phase of the input reference clock with the feedback clock signal. 2. **Charge Pump and Loop Filter:** Converts the phase error into a control voltage to drive the internal oscillator. 3. **Voltage Controlled Oscillator (VCO):** Generates the high-frequency internal signal based on the control voltage. 4. **Frequency Dividers:** Integrated logic that scales the VCO frequency to the desired output frequency. 5. **LVPECL Output Drivers:** Specialized output circuitry designed to drive high-speed differential lines with low jitter. --- ### Pin Configuration (Common SOIC-16) Below is a generalized representation of the pinout logic for this class of device: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | REF_IN | Reference Clock Input | | 2-4 | SEL pins | Selection pins for frequency multipliers/dividers | | 8 | GND | Ground | | 9-10 | OUT / #OUT | Differential LVPECL Outputs | | 16 | VDD | 3.3V Power Supply | --- ### Key Applications * **SONET/SDH:** Used for jitter attenuation and clock multiplication in optical networks. * **Ethernet Switches:** Provides low-skew clock signals for high-speed data processing. * **Backplanes:** Distributes synchronized timing signals across multiple PCB boards. --- ### Design Considerations * **Termination:** LVPECL outputs require specific 50-ohm termination to $V_{CC} - 2V$ or equivalent Thevenin networks to ensure signal integrity. * **Decoupling:** Use 0.1µF and 0.01µF ceramic capacitors as close to the $V_{DD}$ pin as possible to minimize power supply noise. * **Impedance Matching:** Differential traces should be kept equal in length to prevent phase skew.
    ✨ Follow-up Questions
    • ⤷ What are the specific termination requirements for the LVPECL outputs on this chip?
    • ⤷ How does the jitter performance of the PLL520-07OC-R compare to standard CMOS buffers?
    • ⤷ Can this part be used in industrial temperature ranges?