Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • PLL500-37SC-R

  • AI
    The **PLL500-37SC-R** is a high-performance Low Phase Noise Phase-Locked Loop (PLL) based VCXO (Voltage Controlled Crystal Oscillator) IC. It is specifically designed to work with high-frequency fundamental crystals to provide a low-jitter clock output. --- ## 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Manufacturer** | PhaseLink (Acquired by Microchip/Micrel) | | **Package** | SOP-8 (Standard 150mil) | | **Operating Voltage** | 3.3V (Typical) | | **Frequency Range** | 10MHz to 130MHz | | **Output Type** | CMOS / TTL | | **Phase Noise** | -130 dBc/Hz @ 1kHz offset | | **Pull Range** | Typically ±100 ppm to ±200 ppm | --- ## 2. Pin Configuration and Functions The device is housed in an 8-pin Small Outline Package (SOP). Below is the typical pinout description: | Pin Number | Name | Type | Description | |:---:|:---|:---:|:---| | 1 | **VC** | Input | **Voltage Control**: Analog input used to adjust the output frequency. | | 2 | **XIN** | Input | Crystal input connection. | | 3 | **GND** | Power | Ground connection. | | 4 | **XOUT** | Output | Crystal output connection. | | 5 | **CLK** | Output | CMOS Clock Output. | | 6 | **VDD** | Power | 3.3V Power Supply. | | 7 | **OE** | Input | **Output Enable**: High for output, Low for high-impedance. | | 8 | **NC / FIN** | - | No connection or specific function based on sub-variant. | --- ## 3. Core Electronic Components & Architecture The PLL500-37SC-R utilizes several internal electronic blocks to achieve its performance: ### A. Voltage Controlled Oscillator (VCXO) Unlike a standard fixed oscillator, the internal circuitry varies the load capacitance of the crystal based on the voltage at the **VC pin**. This allows the user to "pull" or fine-tune the frequency. ### B. Phase-Locked Loop (PLL) The internal PLL acts as a frequency multiplier or stabilizer. It takes the fundamental frequency from the crystal and processes it to output a clean, low-jitter signal. It is optimized for "Low Phase Noise," making it ideal for communication equipment. ### C. Output Buffer The CMOS output stage is designed to drive standard digital loads (usually up to 15pF) while maintaining fast rise and fall times to minimize timing errors. --- ## 4. Typical Applications * **Networking:** Fiber Channel, Gigabit Ethernet, and SONET clocks. * **Video/Audio:** High-definition video transmission systems requiring low-jitter timing. * **Set-top Boxes:** Frequency synthesis for signal processing. * **Instrumentation:** Precise reference clocks for test equipment. --- ## 5. Design Considerations 1. **Bypass Capacitance:** A 0.01µF or 0.1µF ceramic capacitor should be placed as close as possible to the **VDD** pin to filter high-frequency noise. 2. **Crystal Selection:** Use a high-quality fundamental mode crystal. The frequency pulling range is highly dependent on the crystal's "motional capacitance" ($C_m$) and "static capacitance" ($C_0$). 3. **Control Voltage (VC):** Ensure the control voltage signal is clean; any noise on the VC pin will translate directly into phase jitter on the output clock.
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency pulling range of the PLL500-37SC-R?
    • ⤷ Can this IC be used with an external reference clock instead of a crystal?
    • ⤷ What are the power consumption characteristics of this device at 130MHz?