Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • PIC18F2680ISPQTP

  • AI
    The **PIC18F2680-I/SP** is a high-performance, 8-bit microcontroller from Microchip Technology's PIC18 family. It is particularly well-known for its integrated **ECAN™ (Enhanced Controller Area Network)** module, making it ideal for automotive and industrial control applications. --- ### 1. Key Technical Specifications The following table outlines the primary hardware capabilities of this specific part: | Feature | Specification | | :--- | :--- | | **Architecture** | 8-bit PIC | | **Program Memory (Flash)** | 64 KB | | **RAM (Data Memory)** | 3.25 KB | | **EEPROM (Non-volatile)** | 1024 Bytes | | **Operating Voltage** | 2.0V to 5.5V | | **Max Speed** | 40 MHz (10 MIPS) | | **I/O Pins** | 25 Pins | | **ADC Channels** | 8-channel, 10-bit | | **Communication** | CAN, UART, SPI, I2C | --- ### 2. Core Electronic Components & Features #### A. Enhanced CAN Module (ECAN) The "standout" electronic feature of this chip is its integrated CAN 2.0B active controller. - **Modes:** Support for Legacy, Enhanced Legacy, and FIFO modes. - **Hardware Filtering:** Features 16 acceptance filters and 3 acceptance masks to process incoming data without taxing the CPU. #### B. NanoWatt Technology The chip incorporates power-management features designed for battery-operated devices: - **Sleep Mode:** Extremely low power consumption in standby. - **Alternate Clock Modes:** Can switch to a lower frequency on the fly to conserve power. #### C. Integrated Peripherals - **CCP & ECCP Modules:** Capture/Compare/PWM modules used for controlling motors or generating analog-like signals. - **Internal Oscillator:** Provides a stable clock source without needing an external crystal, though external crystals are supported for high-precision timing. - **Self-Programmability:** The flash memory can be rewritten under software control, allowing for remote firmware updates. --- ### 3. Part Number Suffix Breakdown The suffix **I/SP** provides specific details about the physical and environmental ratings: | Code | Meaning | Details | | :--- | :--- | :--- | | **I** | Industrial Temperature | Rated for -40°C to +85°C. | | **SP** | Skinny PDIP | 28-lead Plastic Dual Inline Package (0.300"). | --- ### 4. Basic Connection Diagram (Typical Pins) ```c // Minimum Hardware Requirements: 1. VDD (Pin 20) -> Connect to +5V 2. VSS (Pin 8, 19) -> Connect to Ground (GND) 3. MCLR (Pin 1) -> Pull-up to VDD with 10k Ohm resistor (Reset pin) 4. OSC1/OSC2 (Pins 9, 10) -> Connection for Crystal Oscillator ```
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using the ECAN module over standard CAN?
    • ⤷ How do I configure the internal oscillator for this microcontroller?
    • ⤷ What is the difference between the 'SP' and 'SO' package types for this chip?