AI

The **PE4151_16** refers to a specific variant of the PE4151 series, which is a high-linearity **Passive Mixer** manufactured by Peregrine Semiconductor (now part of **pSemi**, a Murata company). These devices are built using UltraCMOS® technology, which allows them to achieve performance levels typically reserved for GaAs (Gallium Arsenide) components.
### 1. Technical Specifications
The PE4151 is designed for high-performance mixing applications, particularly in cellular infrastructure and radio systems.
| Parameter | Value / Range |
| :--- | :--- |
| **Technology** | UltraCMOS® |
| **RF/LO Frequency Range** | 10 MHz – 1000 MHz (Optimized for < 500 MHz) |
| **IF Frequency Range** | DC – 100 MHz |
| **Input IP3** | +24 dBm @ 400 MHz |
| **Conversion Loss** | 7.0 dB |
| **LO Drive Level** | +10 dBm to +20 dBm |
| **Isolation (LO-RF)** | 32 dB |
| **Package Type** | 8-lead MSOP (The "_16" often denotes packaging/reel size) |
---
### 2. Key Internal Components & Features
1. **Passive Mixer Core:** Unlike active mixers, the PE4151 does not require a DC power supply ($V_{DD}$). This results in a lower noise floor and eliminates the need for complex biasing circuits.
2. **UltraCMOS Technology:** This provides high ESD tolerance and excellent linearity while maintaining a small form factor.
3. **Low Distortion:** Because it is a passive FET-based mixer, it offers high intermodulation distortion (IMD) performance, which is critical for clear signal processing in crowded spectrums.
4. **Symmetry:** The device is generally symmetrical, allowing it to function as either an **up-converter** or a **down-converter**.
---
### 3. Pin Configuration (Typical 8-lead MSOP)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | LO | Local Oscillator input |
| 2, 3, 5, 8 | GND | Ground connections |
| 4 | RF | Radio Frequency input/output |
| 6 | IF | Intermediate Frequency output/input |
| 7 | NC | No internal connection |
---
### 4. Application Areas
The PE4151_16 is most commonly found in:
* **Base Stations:** For cellular communication (GSM, WCDMA, LTE).
* **Portable Radios:** High-end walkie-talkies or emergency response hardware.
* **CATV Systems:** Cable television signal processing.
* **Medical Equipment:** High-frequency imaging or sensing devices.
---
- ⤷
What are the primary differences between the PE4151 and an active mixer like the AD831?
- ⤷ How does the LO drive level affect the conversion loss in this specific part?
- ⤷ What is the significance of the UltraCMOS technology compared to standard CMOS in RF parts?