PBYR740D
AI

## PBYR740D: Schottky Barrier Rectifier
The **PBYR740D** is a high-performance Schottky barrier diode designed specifically for high-frequency switching applications. It is commonly used in power supplies, converters, and polarity protection circuits.
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the PBYR740D:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V |
| **Average Forward Current** | $I_{F(AV)}$ | 7.5 | A |
| **Forward Voltage Drop** (at 7.5A) | $V_F$ | 0.5 - 0.57 | V |
| **Peak Surge Current** (8.3ms) | $I_{FSM}$ | 120 | A |
| **Operating Junction Temp** | $T_j$ | -65 to +150 | °C |
| **Package Type** | DPAK | SOT428 | - |
---
### 2. Physical Structure & Packaging
The PBYR740D typically comes in a **DPAK (TO-252)** surface-mount package.
* **Anode:** Connected to the side pins.
* **Cathode:** Connected to the center lead and the large metal tab on the back (used for heat dissipation).
---
### 3. Core Features
* **Low Forward Voltage:** Because it is a Schottky diode, it has a much lower voltage drop compared to standard silicon diodes, leading to higher efficiency.
* **Fast Switching:** It exhibits negligible reverse recovery time ($t_{rr}$), making it ideal for high-speed pulse circuits.
* **Guard Ring Protection:** It usually includes an internal guard ring for stress protection and improved long-term reliability against high voltages.
---
### 4. Typical Applications
The PBYR740D is versatile and found in the following electronic systems:
1. **Switched Mode Power Supplies (SMPS):** Used for output rectification to minimize power loss.
2. **DC-DC Converters:** Acts as a "freewheeling" diode in buck or boost converters.
3. **Reverse Polarity Protection:** Protects sensitive DC circuits from battery reversal.
4. **Low Voltage OR-ing:** Used in redundant power supply systems to combine multiple power rails.
- ⤷
What are the main advantages of using a Schottky diode over a standard PN junction diode?
- ⤷ How does the DPAK package affect the thermal management of the PBYR740D?
- ⤷ Can the PBYR740D be used in circuits exceeding 40V?