PBYR735
AI

The **PBYR735** is a high-performance **Schottky Barrier Diode** commonly used in power switching applications. It is designed for low power loss and high efficiency.
---
### 1. Key Specifications
The technical identity of the PBYR735 is defined by its ability to handle high current with minimal voltage drop.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **$V_{RRM}$** | 35V | Repetitive Peak Reverse Voltage |
| **$I_{F(AV)}$** | 7.5A | Average Forward Current |
| **$V_F$** | ~0.57V | Maximum Forward Voltage Drop (at 7.5A) |
| **$I_{FSM}$** | 120A | Non-repetitive Peak Surge Current |
| **$T_j$** | 150°C | Maximum Operating Junction Temperature |
---
### 2. Physical Characteristics
The PBYR735 is typically housed in a **TO-220AC** (or similar) power package. This package is chosen for its excellent thermal dissipation properties.
* **Pin 1:** Cathode (connected to the mounting tab)
* **Pin 2:** Anode
* **Body:** Plastic molded case with a metal tab for heatsink attachment.
---
### 3. Core Features
The component utilizes the Schottky barrier principle (metal-to-silicon junction), providing several advantages over standard PN-junction diodes:
1. **Low Forward Voltage ($V_F$):** Since the voltage drop is significantly lower than standard diodes (0.57V vs 0.7V-1.1V), it generates less heat.
2. **Fast Switching:** Because there is no minority carrier storage, the reverse recovery time is negligible, making it ideal for high-frequency circuits.
3. **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and long-term reliability against high $dv/dt$ transients.
---
### 4. Common Applications
Due to its 7.5A current rating and 35V limit, it is frequently found in:
* **Switched Mode Power Supplies (SMPS):** Used as output rectifiers.
* **DC-DC Converters:** Essential for high-frequency buck or boost converters.
* **Freewheeling Diodes:** Used to protect circuits from inductive kicks in motor drivers.
* **Polarity Protection:** Preventing damage if batteries or power inputs are connected backward.
---
### 5. Implementation Example (Basic Rectification)
```c
// Schematic Representation
[DC Input +] ---->| [Anode] PBYR735 [Cathode] ----> [Load] ----> [Ground]
```
- ⤷
What are the best heat sinking practices for the PBYR735 in high-current circuits?
- ⤷ Can the PBYR735 be used in 48V power systems?
- ⤷ What is the difference between the PBYR735 and the PBYR1045?