PBYR645CT
AI

### PBYR645CT Overview
The **PBYR645CT** is a high-performance **Schottky Barrier Diode** (Rectifier) designed for high-frequency switching and low-power loss applications. It is commonly used in power supplies and motor control circuits.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the PBYR645CT:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V |
| **Average Rectified Forward Current** | $I_{F(AV)}$ | 6 (3 per diode) | A |
| **Forward Voltage Drop** (at 3A) | $V_F$ | ~0.55 | V |
| **Peak Non-Repetitive Surge Current** | $I_{FSM}$ | 75 | A |
| **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C |
| **Package Type** | - | TO-220AB | - |
---
### 2. Internal Configuration
The PBYR645CT features a **Dual-Diode Common Cathode** configuration.
* **Pin 1:** Anode 1
* **Pin 2:** Cathode (Common to the tab/heatsink)
* **Pin 3:** Anode 2
This dual-diode setup allows for full-wave rectification in a single package, reducing component count and saving PCB space.
---
### 3. Key Features and Benefits
* **Low Forward Voltage:** Reduces power dissipation and increases overall system efficiency.
* **Fast Switching:** The Schottky technology allows for extremely fast recovery times, minimizing switching losses.
* **High Junction Temperature:** Capable of operating reliably in high-heat environments.
* **Guard Ring Protection:** Includes internal circuitry for stress protection, improving long-term reliability against voltage transients.
---
### 4. Common Applications
1. **Switched-Mode Power Supplies (SMPS):** Used for output rectification in DC-DC converters.
2. **Freewheeling Diodes:** Protects circuits from voltage spikes caused by inductive loads (motors, solenoids).
3. **Reverse Polarity Protection:** Prevents damage to electronics if a battery or power source is connected incorrectly.
4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails.
- ⤷
What is the difference between a standard silicon diode and this Schottky diode?
- ⤷ How should I calculate the heatsink requirements for the PBYR645CT?
- ⤷ Can this diode be used in high-voltage AC rectification (e.g.
- ⤷ 220V)?