PBYR640CTD
AI

The **PBYR640CTD** is a high-performance Schottky Barrier Rectifier diode. It is commonly used in power management circuits due to its low forward voltage drop and fast switching capabilities.
---
## 1. Technical Specifications
Below are the primary electrical characteristics of the PBYR640CTD:
| Parameter | Symbol | Typical Value |
|:---|:---|:---|
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 V |
| **Average Forward Current** | $I_{F(AV)}$ | 6 A (Total) |
| **Forward Voltage Drop** (at 3A) | $V_F$ | ~0.5 V |
| **Reverse Recovery Time** | $t_{rr}$ | < 10 ns (Ultra-fast) |
| **Operating Junction Temp** | $T_j$ | -65 to +150 °C |
---
## 2. Pin Configuration & Package
The "CT" in the part number usually indicates a **Common Cathode** configuration. This means the device contains two diodes sharing a single output pin.
* **Package Type:** Usually **DPAK** (TO-252) or **TO-220**, designed for surface mount or through-hole heat dissipation.
* **Pin 1:** Anode 1
* **Pin 2/Tab:** Cathode (Common)
* **Pin 3:** Anode 2
---
## 3. Key Features
1. **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to ensure majority carrier conduction, eliminating the storage of charge found in standard PN diodes.
2. **Low Power Loss:** The low $V_F$ ensures high efficiency in power supplies by reducing heat dissipation.
3. **Guard Ring Protection:** Most versions include an internal guard ring for stress protection against high voltage transients (ESD/Surge).
---
## 4. Typical Applications
The PBYR640CTD is found in the following electronic circuits:
* **Switched Mode Power Supplies (SMPS):** Used for output rectification.
* **DC-DC Converters:** Acts as a freewheeling diode.
* **Battery Isolation:** Prevents reverse current flow in charging circuits.
* **OR-ing Diodes:** Used in redundant power supply systems.
---
- ⤷What is the difference between a Schottky diode and a standard recovery diode?
- ⤷ How do I calculate the heat sink requirements for this part?
- ⤷ Are there pin-compatible alternatives to the PBYR640CTD?