PBYR640CT
AI

The **PBYR640CT** is a high-performance Schottky Barrier Rectifier diode commonly used in power management and switching applications. It is designed for low power loss and high efficiency.
---
## 1. Technical Specifications
The PBYR640CT is typically housed in a **TO-220AB** package and consists of two diodes with a common cathode.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **$V_{RRM}$** | 40V | Repetitive peak reverse voltage |
| **$I_{F(AV)}$** | 6A | Average forward current (per diode) |
| **$I_{O}$** | 12A | Total average forward current (both diodes) |
| **$V_{F}$** | ~0.5V - 0.6V | Forward voltage drop (at rated current) |
| **$T_{j}$** | Up to 150°C | Operating junction temperature |
| **Configuration** | Dual | Common Cathode configuration |
---
## 2. Key Internal Components & Materials
* **Schottky Barrier:** Unlike standard PN junction diodes, this uses a metal-to-semiconductor contact. This results in a much lower forward voltage drop ($V_F$) and ultra-fast switching speeds.
* **Guard Ring:** Most PBYR series diodes include an internal "guard ring" for overvoltage protection, which improves reliability against transient voltages (ESD or inductive spikes).
* **TO-220 Package:** The metal tab is internally connected to the cathode (Pin 2). This allows for easy mounting to a heatsink to dissipate heat generated during high-current operation.
---
## 3. Pin Configuration
The device has three leads, arranged as follows:
| Pin Number | Assignment | Function |
| :--- | :--- | :--- |
| **1** | Anode 1 | Input for Diode 1 |
| **2** | Cathode | Common Output (Connected to Case/Tab) |
| **3** | Anode 2 | Input for Diode 2 |
---
## 4. Common Applications
* **Switched Mode Power Supplies (SMPS):** Used as output rectifiers to convert high-frequency AC back to DC.
* **Freewheeling Diode:** Protects circuits from voltage spikes in motor control and relay logic.
* **OR-ing Diodes:** Used in redundant power supply systems to prevent backflow of current.
* **DC-DC Converters:** Acts as a high-efficiency catch diode.
---
## 5. Typical Circuit Representation
```text
(Anode 1) Pin 1 ----|>|----|
|---- Pin 2 (Common Cathode)
(Anode 2) Pin 3 ----|>|----|
```
- ⤷
What is the advantage of using a Schottky diode over a standard silicon diode?
- ⤷ How do I calculate the heat dissipation for a PBYR640CT in a 5A circuit?
- ⤷ Can I use the PBYR640CT in a 110V AC rectification circuit?