Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • PBYR620CTD

  • AI
    The **PBYR620CTD** is a high-performance Schottky barrier diode commonly used in power management and switching applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The PBYR620CTD is a **dual-center-tap Schottky rectifier**. It features two diode chips sharing a common cathode, housed in a surface-mount power package. It is designed for high-frequency operation and low power loss. ### 2. Technical Specifications The following table summarizes the key electrical parameters: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 20 V | | **Average Forward Current (Total)** | $I_{F(AV)}$ | 6 A | | **Forward Current (Per Diode)** | $I_F$ | 3 A | | **Forward Voltage Drop** | $V_F$ | ~0.45 V (at 3A) | | **Reverse Recovery Time** | $t_{rr}$ | Fast (Nanoseconds) | | **Operating Junction Temp** | $T_j$ | -65 to +150 °C | ### 3. Key Electronic Features * **Low Forward Voltage Drop:** Because it is a Schottky diode, it has a much lower $V_F$ compared to standard silicon diodes (typically 0.4V vs 0.7V). This results in higher efficiency and less heat generation. * **Fast Switching speed:** It possesses negligible reverse recovery time, making it ideal for high-frequency switching power supplies. * **Guard Ring Protection:** The internal structure usually includes a guard ring for stress protection and long-term reliability against high voltage transients. * **Dual Configuration:** The "Center Tap" configuration allows it to be used easily in full-wave rectification circuits or as an OR-ing diode in redundant power systems. ### 4. Pin Configuration and Package The device typically comes in a **DPAK (TO-252)** surface-mount package. | Pin Number | Function | | :--- | :--- | | **Pin 1** | Anode 1 | | **Pin 2/Tab** | Cathode (Common) | | **Pin 3** | Anode 2 | --- ### 5. Common Applications * **Switch Mode Power Supplies (SMPS):** Used in the output rectification stage. * **DC-to-DC Converters:** Acts as a freewheeling diode. * **Reverse Polarity Protection:** Protects sensitive DC circuits from battery reversal. * **Battery Charging:** High-efficiency charging paths.
    ✨ Follow-up Questions
    • What is the maximum surge current this diode can handle?
    • How does the forward voltage drop change with temperature in the PBYR620CTD?
    • Can this diode be used in a 24V power supply system?