PBYR325CTD
AI

The **PBYR325CTD** is a high-performance **Schottky Barrier Diode** (SBD) designed primarily for high-frequency switching and power rectification. It is commonly used in power supplies and motor control circuits.
---
### 1. General Specifications
The part number follows a standard naming convention for power rectifiers. Here are the core electronic characteristics:
| Parameter | Value / Description |
| :--- | :--- |
| **Component Type** | Dual Schottky Rectifier |
| **Configuration** | Common Cathode (Center Tap) |
| **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 25V |
| **Forward Current ($I_{F(AV)}$)** | 30A (Total) / 15A (Per Diode) |
| **Forward Voltage Drop ($V_{F}$)** | ~0.45V to 0.55V (Low Loss) |
| **Package Style** | DPAK (TO-252) or D2PAK (TO-263) |
---
### 2. Key Electronic Features
* **Schottky Barrier Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-semiconductor junction. This results in a very low forward voltage drop and extremely fast switching speeds.
* **Common Cathode Configuration:** The device contains two diodes. The cathode of both diodes is connected to the center pin (and the thermal tab), while the two outer pins are the individual anodes. This is ideal for full-wave rectification.
* **Low Power Loss:** Because the $V_F$ is low, the diode generates less heat during conduction, increasing the overall efficiency of the power system.
* **Fast Recovery:** It has negligible reverse recovery time ($t_{rr}$), which minimizes switching noise and electromagnetic interference (EMI).
---
### 3. Pinout Configuration
In the standard **D2PAK / DPAK** package, the pins are assigned as follows:
1. **Anode 1:** Input for the first diode.
2. **Cathode (Tab):** Common output for both diodes.
3. **Anode 2:** Input for the second diode.
---
### 4. Typical Applications
* **Switched Mode Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC to DC.
* **DC-DC Converters:** Acts as a "freewheeling" diode to provide a path for current when a switch (like a MOSFET) is turned off.
* **Battery Protection:** Used for reverse polarity protection due to the low voltage drop, which minimizes battery drain.
* **OR-ing Diodes:** Used in redundant power systems to combine two power rails.
- ⤷What is the difference between a Schottky diode and a standard recovery diode?
- ⤷ How does the Common Cathode configuration simplify circuit design?
- ⤷ What thermal considerations are needed for a 30A rectifier in a DPAK package?