PBYR3035PTF
AI

## Technical Overview: PBYR3035PTF
The **PBYR3035PTF** is a high-performance **Schottky Barrier Diode** (Rectifier) typically housed in a TO-220F (Full Pack) plastic package. It is designed for high-frequency switching, low power loss, and high efficiency in power management circuits.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the PBYR3035PTF:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 35 | V |
| **Average Rectified Forward Current** | $I_{F(AV)}$ | 30 | A |
| **Forward Voltage Drop** (at 15A) | $V_F$ | ~0.50 - 0.60 | V |
| **Peak Forward Surge Current** | $I_{FSM}$ | 200 | A |
| **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C |
| **Package Type** | - | TO-220F | - |
---
### 2. Core Features
* **Schottky Barrier Technology:** Utilizes a metal-to-silicon junction to achieve extremely fast switching speeds compared to standard PN junction diodes.
* **Low Forward Voltage ($V_F$):** Reduces power dissipation during conduction, leading to higher system efficiency.
* **Dual Diode Configuration:** Usually configured as a **Common Cathode** (two diodes in one package sharing the center pin), allowing for simplified full-wave rectification.
* **Isolated Package (TO-220F):** The "F" suffix often denotes a "Full Pack" or isolated tab. This means the internal components are electrically insulated from the heatsink, eliminating the need for an external mica insulator.
---
### 3. Pin Configuration
The device generally follows the standard 3-pin layout for dual Schottky rectifiers:
1. **Pin 1 (Anode 1):** Input for the first diode.
2. **Pin 2 (Cathode):** Common output for both diodes (connected to the center tab internally).
3. **Pin 3 (Anode 2):** Input for the second diode.
---
### 4. Typical Applications
The PBYR3035PTF is commonly found in the following electronic circuits:
* **Switch Mode Power Supplies (SMPS):** Used in the output rectification stage.
* **DC-DC Converters:** Providing high-speed freewheeling and polarity protection.
* **Battery Chargers:** Efficiently managing charging currents with minimal heat loss.
* **Solar Panel Inverters:** Used as bypass diodes or in charge controllers.
---
### 5. Circuit Symbol (Example)
In a schematic, it is represented as two diodes pointing toward a single node:
```text
Anode 1 (1) ----|>|----|
|---- Cathode (2)
Anode 2 (3) ----|>|----|
```
- ⤷
What are the cooling requirements for a 30A load using this diode?
- ⤷ How does the 'Full Pack' package affect thermal resistance compared to a standard TO-220?
- ⤷ What is the maximum reverse leakage current for the PBYR3035PTF at high temperatures?