PBYR2545CTX
AI

## Technical Overview: PBYR2545CTX Schottky Barrier Rectifier
The **PBYR2545CTX** is a high-performance Dual Schottky Barrier Rectifier diode. It is specifically designed for use in low-voltage, high-frequency inverters, free-wheeling, and polarity protection applications.
---
### 1. Key Technical Specifications
The following table outlines the primary electrical characteristics of the PBYR2545CTX:
| Parameter | Symbol | Value | Unit |
| :--- | :---: | :---: | :---: |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 45 | V |
| **Average Rectified Forward Current** | $I_{F(AV)}$ | 25 (Total) | A |
| **Forward Voltage Drop** (at 15A) | $V_F$ | 0.65 (Max) | V |
| **Peak Forward Surge Current** (8.3ms) | $I_{FSM}$ | 150 | A |
| **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C |
| **Package Type** | - | TO-220AB | - |
---
### 2. Internal Configuration
The "CTX" suffix typically indicates a **Common Cathode** configuration. In a single TO-220 package, there are two diode chips:
* **Pin 1:** Anode 1
* **Pin 2:** Cathode (Common, usually connected to the mounting tab)
* **Pin 3:** Anode 2
This allows the device to act as a full-wave rectifier in center-tap transformer circuits or to be wired in parallel to handle higher currents.
---
### 3. Core Features & Benefits
* **Low Forward Voltage ($V_F$):** Because it is a Schottky diode, it has a much lower voltage drop compared to standard silicon diodes ($0.4V-0.6V$ vs $0.7V-1.1V$). This results in higher efficiency and less heat generation.
* **Fast Switching:** Schottky diodes are majority carrier devices, meaning they have negligible reverse recovery time ($t_{rr}$). This makes them ideal for high-speed switching power supplies.
* **Guard Ring Protection:** The internal structure usually includes a guard ring for stress protection and improved long-term reliability against high-voltage transients.
---
### 4. Typical Applications
1. **Switched Mode Power Supplies (SMPS):** Used in the output rectification stage to convert high-frequency AC to DC.
2. **DC-DC Converters:** High efficiency makes it suitable for step-down (buck) converters.
3. **Reverse Polarity Protection:** Protecting sensitive electronics from battery reversal.
4. **ORing Diodes:** In redundant power supply systems to prevent back-feeding.
---
### 5. Equivalent Replacement Parts
If the PBYR2545CTX is unavailable, the following parts are commonly used as substitutes:
```text
1. MBR2545CT (Industry Standard equivalent)
2. STPS2545CT (STMicroelectronics equivalent)
3. V2545C (Vishay equivalent)
```
- ⤷
What is the difference between a standard silicon diode and this Schottky barrier rectifier in terms of power loss?
- ⤷ Can the PBYR2545CTX be used in a 48V circuit?
- ⤷ How should I calculate the heat sink requirements for this part at full 25A load?