Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • PBYR2545CTF

  • AI
    ## PBYR2545CTF: Electronic Part Overview The **PBYR2545CTF** is a high-performance **Schottky Barrier Diode** commonly used in power management and rectification circuits. It is specifically designed for high-frequency switching and low power loss. ### 1. Key Specifications Below are the primary technical parameters for the PBYR2545CTF: | Parameter | Value | Description | | :--- | :--- | :--- | | **Configuration** | Dual / Common Cathode | Two diodes sharing a center pin. | | **$V_{RRM}$** | 45 V | Maximum Repetitive Peak Reverse Voltage. | | **$I_{F(AV)}$** | 25 A | Total Average Forward Current (12.5A per diode). | | **$V_F$ (Max)** | ~0.58 V | Forward Voltage drop (at rated current). | | **$T_j$ (Max)** | 150 °C | Maximum operating junction temperature. | | **Package** | TO-220F | Isolated Full-Pack (Plastic encapsulated). | --- ### 2. Physical Structure and Pinout The device usually comes in a **TO-220F (Full Pack)** package. The "F" suffix denotes that the heat sink tab is electrically isolated by plastic, meaning you do not need an additional mica insulator when mounting it to a metal chassis. * **Pin 1 (Anode 1):** Input for the first diode. * **Pin 2 (Common Cathode):** Shared output (Connected to the center). * **Pin 3 (Anode 2):** Input for the second diode. --- ### 3. Core Features * **Low Forward Voltage:** Reduces power dissipation and increases efficiency compared to standard silicon diodes. * **Fast Switching:** Schottky technology allows for extremely fast recovery times, making it ideal for high-speed PWM applications. * **Guards Ring:** Built-in guard ring for stress protection and long-term reliability. * **Isolated Package:** The TO-220F housing provides 2500V RMS isolation between the internal leads and the external heatsink. --- ### 4. Common Applications Due to its high current capacity and low voltage drop, it is frequently found in: 1. **Switched-Mode Power Supplies (SMPS):** Secondary side rectification. 2. **DC-DC Converters:** Used as a freewheeling diode. 3. **Battery Chargers:** Preventing reverse current flow. 4. **ORing Diodes:** In redundant power supply systems. --- ### 5. Symbol and Circuit Representation In a schematic, it is represented as two diodes with their cathodes joined: ```text (Anode 1) 1 ----|>|---- 2 (Common Cathode) (Anode 2) 3 ----|>|---- 2 ```
    ✨ Follow-up Questions
    • What is the advantage of the TO-220F isolated package over a standard TO-220?
    • How does the forward voltage drop change with temperature in this Schottky diode?
    • Can I use the PBYR2545CTF in a 48V circuit?