PBYR245
AI

## PBYR245 Schottky Barrier Rectifier
The **PBYR245** is a high-performance Schottky barrier diode designed for high-frequency switching and low-voltage applications. It is part of a series (PBYR240-250) commonly used in power supplies.
---
### 1. Key Technical Specifications
The following table outlines the fundamental electrical characteristics of the PBYR245:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Max Recurrent Peak Reverse Voltage** | $V_{RRM}$ | 45 | V |
| **Max Average Forward Rectified Current** | $I_{F(AV)}$ | 2 | A |
| **Max Forward Voltage Drop** (@ 2A) | $V_F$ | 0.55 | V |
| **Max Peak Forward Surge Current** | $I_{FSM}$ | 50 | A |
| **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C |
---
### 2. Physical Packaging
The PBYR245 typically comes in a **DO-15** (also known as DO-204AC) axial leaded plastic package.
* **Polarity:** The cathode is indicated by a color band.
* **Mounting:** Through-hole mounting.
* **Material:** Flame retardant epoxy (UL 94V-0 rated).
---
### 3. Core Features
* **Low Forward Voltage:** The Schottky barrier technology ensures a very low $V_F$, which reduces power dissipation and improves efficiency.
* **Fast Switching:** Extremely fast recovery time compared to standard PN junction diodes, making it ideal for high-speed circuits.
* **High Surge Capacity:** Can handle brief spikes in current up to 50A without failure.
* **Guard Ring Protection:** Often features an internal guard ring for stress protection and long-term reliability.
---
### 4. Typical Applications
The PBYR245 is versatile and found in various electronic circuits:
1. **Switching Power Supplies (SMPS):** Used for rectification in high-frequency DC-DC converters.
2. **Freewheeling Diodes:** Protects circuits from inductive voltage spikes (e.g., in motor controllers or relay drivers).
3. **Reverse Polarity Protection:** Prevents damage if a battery or power source is connected backwards.
4. **Low Voltage OR-ing:** Used in redundant power systems to combine two power rails.
---
### 5. Implementation Example (Basic Rectification)
```c
// Schematic Logic for a Protection Circuit
[Input Voltage] ---->| [PBYR245] ----> [Load]
(Anode) (Cathode)
```
*Note: The low voltage drop of 0.55V means that at 2A, the diode only dissipates approximately 1.1 Watts of heat.*
- ⤷
How does the PBYR245 compare to a standard 1N4007 diode?
- ⤷ What is the maximum reverse leakage current for this part?
- ⤷ Can I use the PBYR245 in a 24V solar charging system?