Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • PBYR20100CT

  • AI
    The **PBYR20100CT** is a high-performance **Schottky Barrier Diode** (Rectifier) designed for high-frequency switching applications. It is commonly used in power supplies to convert AC to DC with minimal energy loss. --- ### 1. Key Technical Specifications The part number itself reveals its primary capabilities: the "20" represents the current rating, and the "100" represents the voltage rating. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Rectifier | Dual-diode configuration | | **Max Average Forward Current ($I_{F(AV)}$)** | 20A | 10A per individual diode | | **Max Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 100V | Maximum "blocking" voltage | | **Forward Voltage Drop ($V_F$)** | ~0.7V - 0.85V | Voltage lost during conduction | | **Package Type** | TO-220AB | Standard 3-pin through-hole package | | **Operating Temperature** | -65°C to +175°C | High thermal stability | --- ### 2. Internal Configuration The PBYR20100CT is a **Common Cathode** device. Inside the TO-220 package, there are two diodes sharing a single output point. * **Pin 1:** Anode 1 (Diode 1 Input) * **Pin 2:** Cathode (Common Output / Tab) * **Pin 3:** Anode 2 (Diode 2 Input) --- ### 3. Core Features * **Low Power Loss:** Because it is a Schottky diode, it has a lower forward voltage drop than standard silicon diodes, leading to higher efficiency. * **Ultra-Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-speed circuits. * **Guard Ring Protection:** Most variants include an internal guard ring for stress protection and long-term reliability against high voltages. --- ### 4. Common Applications Due to its 100V rating and 20A capacity, it is frequently found in: 1. **Switched-Mode Power Supplies (SMPS):** Used for output rectification. 2. **DC-DC Converters:** Managing high-frequency power conversion. 3. **Reverse Polarity Protection:** Protecting sensitive electronics from battery reversal. 4. **ORing Diodes:** In redundant power systems to combine two power rails. --- ### 5. Circuit Symbol Example In a schematic, it is represented as two diodes pointing toward a single center line: ```text Anode 1 (Pin 1) ----|>|----| |---- Cathode (Pin 2/Tab) Anode 2 (Pin 3) ----|>|----| ``` ---
    ✨ Follow-up Questions
    • What are the equivalent alternative part numbers for the PBYR20100CT?
    • How does the forward voltage drop change as the operating temperature increases?
    • Can I use this diode in a 110V AC rectification circuit?