PBYR1540CT
AI

The **PBYR1540CT** is a high-performance Schottky barrier rectifier diode. It is commonly used in power supplies and circuit protection due to its low forward voltage drop and fast switching capabilities.
---
### 1. General Specifications
The part number follows a standard nomenclature where the numbers typically indicate the current and voltage ratings.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Diode Type** | Schottky Barrier | Metal-semiconductor junction for high speed. |
| **Configuration** | Dual Common Cathode | Two diodes sharing a single cathode pin. |
| **Max Average Rectified Current** | 15A | Total current for both diodes (7.5A per leg). |
| **Max Repetitive Peak Reverse Voltage** | 40V | The maximum voltage it can block in reverse. |
| **Forward Voltage Drop ($V_F$)** | ~0.5V to 0.6V | Low power loss during conduction. |
| **Package Type** | TO-220AB | Three-pin through-hole power package. |
---
### 2. Internal Configuration
The PBYR1540CT features a **Common Cathode** arrangement. This means the two internal diodes are connected at the center pin (Pin 2).
* **Pin 1:** Anode 1
* **Pin 2:** Cathode (Connected to the mounting tab)
* **Pin 3:** Anode 2
```text
(Anode 1) (Cathode) (Anode 2)
| | |
--+-- --+-- --+--
| | |
+----|>|---+---|<|----+
```
---
### 3. Key Electronic Characteristics
* **Low Power Loss:** Because it is a Schottky diode, it has a lower forward voltage ($V_F$) than standard silicon diodes (0.7V - 1.1V). This results in higher efficiency and less heat.
* **Fast Switching:** Schottky diodes have negligible reverse recovery time, making them ideal for high-frequency switching applications.
* **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection and long-term reliability against high-voltage transients.
---
### 4. Common Applications
Due to its 15A rating and 40V limit, it is frequently found in:
1. **Switching Mode Power Supplies (SMPS):** Used for output rectification.
2. **DC-DC Converters:** High-frequency step-down (Buck) converters.
3. **Free-Wheeling Diodes:** Protecting circuits from inductive "kickback" in motor controllers.
4. **Reverse Polarity Protection:** Preventing damage if a battery or power source is connected backward.
- ⤷
What are the cooling requirements for a PBYR1540CT at full 15A load?
- ⤷ Can I use this diode in a 48V circuit?
- ⤷ What is the difference between a Schottky diode and a standard recovery diode?