Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • PBYR1040

  • AI
    ## PBYR1040 Schottky Barrier Rectifier The **PBYR1040** is a high-performance Schottky barrier diode designed primarily for power switching circuits. It is widely used due to its low forward voltage drop and fast switching speed. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the PBYR1040: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | V | | **Average Forward Current** | $I_{F(AV)}$ | 10 | A | | **Forward Voltage Drop** (at 10A) | $V_F$ | ~0.55 | V | | **Peak Surge Current** (8.3ms) | $I_{FSM}$ | 120 | A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 | °C | | **Package Type** | - | TO-220AC | - | --- ### 2. Functional Characteristics * **Schottky Barrier Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-to-semiconductor junction. This results in a significantly lower forward voltage drop ($V_F$), which increases energy efficiency. * **Fast Switching:** Because there is no minority carrier recovery time (reverse recovery), the diode can switch on and off almost instantaneously. This makes it ideal for high-frequency applications. * **Guard Ring Protection:** Most PBYR series diodes include an internal guard ring for stress protection, which enhances long-term reliability against high voltage transients. --- ### 3. Common Applications The PBYR1040 is typically found in the following electronic circuits: 1. **Switching Mode Power Supplies (SMPS):** Used for output rectification to convert AC/high-frequency pulses into DC. 2. **DC-DC Converters:** Acts as a "freewheeling" diode to maintain current flow when a switch is opened. 3. **Battery Protection:** Used in reverse polarity protection circuits because its low voltage drop minimizes power loss as heat. 4. **Solar Panels:** Employed as a blocking diode to prevent battery discharge back through the panels at night. --- ### 4. Implementation Example (Basic Rectification) In a power circuit, the diode is connected in series with the load to ensure current flows in only one direction. ```mermaid graph LR A[AC/Pulse Input] --> B((PBYR1040)) B --> C[Filter Capacitor] C --> D[DC Load] ``` --- ### 5. Thermal Management Since the PBYR1040 handles up to 10A, it can generate heat. It is usually housed in a **TO-220** package, which features a metal tab. * **Heat Sinking:** It is highly recommended to bolt the device to an aluminum heat sink if the continuous current exceeds 2-3 Amps to prevent thermal runaway.
    ✨ Follow-up Questions
    • What are the equivalent alternatives to the PBYR1040?
    • How does the forward voltage drop change with temperature in this diode?
    • Can the PBYR1040 be used in 220V AC mains rectification?