PBYL3025CT
AI

The **PBYL3025CT** is a high-performance Schottky Barrier Rectifier diode. It is commonly used in power supply circuits due to its low forward voltage drop and fast switching capabilities.
### 1. Technical Specifications
The following table outlines the primary electrical characteristics of the PBYL3025CT:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 25 | V |
| **Average Forward Current** | $I_{F(AV)}$ | 30 (15 per diode) | A |
| **Peak Forward Surge Current** | $I_{FSM}$ | 200 | A |
| **Forward Voltage Drop** | $V_F$ | ~0.45 - 0.50 | V |
| **Operating Temperature** | $T_j$ | -65 to +150 | °C |
| **Package Type** | - | TO-220AB | - |
---
### 2. Key Features
* **Dual Diode Configuration:** It typically features a **Common Cathode** configuration (two diodes sharing a center pin), allowing it to handle rectification for both halves of a cycle in a compact space.
* **Low Power Loss:** Because it is a Schottky diode, it has a much lower forward voltage ($V_F$) compared to standard silicon diodes, leading to higher efficiency and less heat generation.
* **High Speed:** It exhibits negligible reverse recovery time, making it ideal for high-frequency switching applications.
* **Guard Ring Protection:** Internal guard rings provide stress protection and improve long-term reliability against high voltages.
---
### 3. Common Applications
The PBYL3025CT is designed for power management in various electronic systems:
1. **Switched-Mode Power Supplies (SMPS):** Used as an output rectifier to convert AC/High-frequency pulses to DC.
2. **DC-DC Converters:** Acts as a "freewheeling" diode to maintain current flow when switches are off.
3. **Battery Chargers:** Prevents reverse current flow and manages high-current charging cycles.
4. **Reverse Polarity Protection:** Protects sensitive circuits from damage if a battery or power source is connected backwards.
---
### 4. Pin Configuration (TO-220AB)
In a standard TO-220 package, the pins are usually assigned as follows:
* **Pin 1:** Anode (Diode 1)
* **Pin 2 / Tab:** Cathode (Common)
* **Pin 3:** Anode (Diode 2)
- ⤷
What is the difference between a Schottky diode and a standard PN junction diode in terms of efficiency?
- ⤷ How do I calculate the heat sink requirements for a PBYL3025CT at 20A?
- ⤷ Can the PBYL3025CT be used in 48V systems?