PBYL3020CT
AI

The **PBYL3020CT** is a high-performance Schottky Barrier Rectifier diode commonly used in power management and switching applications. It is designed for low power loss and high efficiency.
---
## 1. Technical Specifications
Below are the primary electrical characteristics of the PBYL3020CT:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **$V_{RRM}$** | 20V | Peak Repetitive Reverse Voltage |
| **$I_{F(AV)}$** | 30A | Average Rectified Forward Current (Total) |
| **$I_{F(AV)}$ per Diode** | 15A | Current capacity per individual leg |
| **$V_F$ (Max)** | ~0.45V - 0.50V | Maximum Forward Voltage Drop |
| **Package Type** | TO-220AB | Standard 3-pin power package |
| **Configuration** | Dual Common Cathode | Two diodes sharing a center pin |
---
## 2. Key Features
* **Low Forward Voltage Drop:** Because it is a Schottky diode, it has a much lower $V_F$ compared to standard silicon diodes, reducing heat dissipation.
* **Fast Switching:** Schottky diodes have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency circuits.
* **Guard Ring Protection:** Most variants include a guard ring for stress protection and long-term reliability.
* **Dual Diode Architecture:** The "CT" suffix typically indicates a **Common Cathode** center tap configuration, allowing it to be used in full-wave rectification with fewer components.
---
## 3. Pin Configuration (TO-220AB)
Looking at the front of the component (metal tab at the back):
1. **Pin 1 (Anode 1):** Input for the first diode.
2. **Pin 2 (Cathode):** Common output (connected to the mounting tab).
3. **Pin 3 (Anode 2):** Input for the second diode.
---
## 4. Typical Applications
* **Switched Mode Power Supplies (SMPS):** Used for output rectification.
* **DC-DC Converters:** High-frequency step-down (Buck) or step-up (Boost) converters.
* **Free-wheeling Diodes:** Protecting circuits from inductive spikes in motor drivers.
* **Reverse Polarity Protection:** Protecting sensitive electronics from battery reversal.
---
- ⤷
What is the difference between a Schottky diode and a standard PN junction diode?
- ⤷ Can I use the PBYL3020CT in a 24V circuit?
- ⤷ How do I calculate the heat sink requirements for this diode at 30A?