PBYL2520CT
AI

The **PBYL2520CT** is a high-performance **Schottky Barrier Rectifier** diode. It is primarily designed for high-frequency switching power supplies, free-wheeling diodes, and polarity protection applications.
---
### 1. Key Technical Specifications
The part number follows standard semiconductor naming conventions where "25" usually refers to current and "20" to voltage.
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Configuration** | Dual / Common Cathode | Two diodes sharing a single cathode pin |
| **Maximum Average Forward Current ($I_{F(AV)}$)** | 25 A | Total current for both diodes (12.5A per leg) |
| **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 20 V | The maximum voltage it can block in reverse |
| **Forward Voltage Drop ($V_F$)** | ~0.45 V - 0.50 V | Low voltage drop compared to standard diodes |
| **Package Type** | TO-220AB | Standard through-hole power package |
---
### 2. Internal Structure and Pinout
The PBYL2520CT is a **Common Cathode** device. This means it contains two diodes inside one package, which is ideal for "Full Wave" rectification.
* **Pin 1:** Anode 1
* **Pin 2 / Tab:** Cathode (Common)
* **Pin 3:** Anode 2
---
### 3. Core Features & Benefits
* **Schottky Technology:** Unlike standard PN junction diodes, Schottky diodes use a metal-semiconductor junction. This results in much faster switching speeds and lower power loss.
* **Low Forward Voltage:** The low $V_F$ ensures high efficiency and minimal heat generation during operation.
* **Guard Ring Protection:** Most PBYL series diodes include an internal guard ring for stress protection and long-term reliability against high-voltage transients.
* **High Junction Temperature:** Capable of operating at elevated temperatures (typically up to 150°C).
---
### 4. Typical Applications
1. **Switched-Mode Power Supplies (SMPS):** Used on the output stage to rectify high-frequency AC into DC.
2. **DC-DC Converters:** Acts as a high-speed switch to maintain efficiency.
3. **Battery Isolation:** Prevents backflow of current in battery-charging circuits.
4. **Free-wheeling Diode:** Protects circuits from inductive spikes in motor controllers.
---
### 5. Implementation Example
In a typical center-tap transformer circuit, the PBYL2520CT allows for compact rectification:
```text
Transformer Secondary (Center Tap)
Terminal A ----|>|---- (Pin 1)
(Pin 2) ----> DC Positive Output
Terminal B ----|>|---- (Pin 3)
```
- ⤷
What are the main differences between a Schottky diode like the PBYL2520CT and a standard recovery diode?
- ⤷ Can the PBYL2520CT be used in a 24V power supply system?
- ⤷ How does the forward voltage drop change as the operating temperature increases?