PBYL2025B
AI

The **PBYL2025B** is a high-performance Power Schottky Rectifier commonly used in power supplies, converters, and protection circuits. It is designed for high-frequency switching and low power loss.
---
### 1. Key Technical Specifications
The part number typically provides information about its voltage and current ratings. Below are the primary electronic characteristics:
| Characteristic | Parameter | Typical Value |
| :--- | :--- | :--- |
| **Type** | Rectifier Class | Schottky Barrier Diode |
| **Forward Current ($I_{F(AV)}$)** | Average Rectified Current | 20 Amperes |
| **Reverse Voltage ($V_{RRM}$)** | Peak Repetitive Reverse Voltage | 250 Volts |
| **Forward Voltage ($V_F$)** | Voltage Drop at 20A | ~0.85V to 0.95V |
| **Operating Temp ($T_j$)** | Junction Temperature | -65°C to +175°C |
| **Package Type** | Physical Housing | TO-220AC or similar |
---
### 2. Major Features
The "Schottky" technology inside this component offers distinct advantages over standard silicon diodes:
* **Low Forward Voltage Drop:** Minimizes power dissipation, leading to higher efficiency in power conversion.
* **Ultrafast Switching:** Since Schottky diodes are unipolar devices, they have negligible reverse recovery time ($t_{rr}$), making them ideal for high-frequency applications.
* **Guard Ring Protection:** Most PBYL series diodes include an internal guard ring for stress protection and long-term reliability against high voltage transients.
* **High Junction Temperature:** Rated for operation up to 175°C, providing a safety margin in hot environments.
---
### 3. Application Use-Cases
In electronic circuits, the PBYL2025B is typically found in the following roles:
1. **Switching Mode Power Supplies (SMPS):** Used on the output stage to rectify high-frequency AC into DC.
2. **DC-DC Converters:** Acts as a "freewheeling" diode to maintain current flow when a switch is turned off.
3. **Reverse Polarity Protection:** Protects sensitive electronics from damage if a battery or DC source is connected backward.
4. **ORing Diodes:** Used in redundant power supply systems to combine multiple power rails.
---
### 4. Pin Configuration (TO-220AC)
The device is usually a two-terminal device housed in a three-lead style package (where one lead may be missing or truncated):
```text
Pin 1: Cathode (K) - Often connected to the mounting tab
Pin 2: Anode (A)
Tab: Cathode (K) - Metal backing for heatsinking
```
- ⤷
What are the main differences between the PBYL2025B and a standard PN junction diode?
- ⤷ How does the 250V rating affect its leakage current compared to lower voltage Schottky diodes?
- ⤷ What type of heatsink is recommended for a 20A load on this device?