PBYL1620B
AI

## Technical Overview of PBYL1620B
The **PBYL1620B** is a high-performance, low-loss **Schottky Barrier Rectifier** diode. It is primarily used in power supply circuits where high efficiency and high-speed switching are required. It is commonly manufactured by NXP (formerly Philips) or WeEn Semiconductors.
---
### 1. Key Technical Specifications
| Parameter | Symbol | Value |
| :--- | :--- | :--- |
| **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 200 V |
| **Average Forward Current** | $I_{F(AV)}$ | 16 A |
| **Forward Voltage Drop** (at 16A, 25°C) | $V_F$ | ~0.88 V |
| **Peak Non-Repetitive Surge Current** | $I_{FSM}$ | 150 A |
| **Operating Junction Temperature** | $T_j$ | 150 °C |
| **Package Type** | - | TO-220AC |
---
### 2. Physical Construction and Pins
The PBYL1620B usually comes in a **TO-220AC** plastic package, which features a metal tab for heat sinking.
* **Pin 1 (Cathode):** Connected to the metal tab/heatsink.
* **Pin 2 (Anode):** The input pin.
* **Design:** It is a single-diode configuration (unlike the "CT" series which are dual-diodes).
---
### 3. Core Features
* **Low Forward Voltage:** Reduces power dissipation during conduction, increasing the overall efficiency of the power system.
* **Fast Switching:** As a Schottky diode, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency applications.
* **Guard Ring Protection:** Most versions include an internal guard ring for stress protection and long-term reliability against transient voltages.
* **High Junction Temperature:** Rated up to 150°C, allowing it to operate in demanding thermal environments.
---
### 4. Common Applications
1. **Switched Mode Power Supplies (SMPS):** Used for output rectification in high-frequency DC-DC converters.
2. **Free-Wheeling Diode:** Protects circuits from voltage spikes in motor control and inductive load switching.
3. **Polarity Protection:** Prevents damage to electronics if a battery or power source is connected backward.
4. **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails.
---
### 5. Implementation Example
In a typical buck converter circuit, the diode is placed in parallel with the load to provide a path for the current when the main switch is off.
```text
[Input DC] ---> [Switch/MOSFET] ---+---> [Inductor] ---> [Output]
|
[PBYL1620B] (Freewheeling)
|
[GND]
```
---
- ⤷
What are the main differences between the PBYL1620B and a standard silicon rectifier?
- ⤷ How should the heatsink for a PBYL1620B be sized for a 10A load?
- ⤷ Is there a dual-diode version of this part for center-tap transformers?