Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • PBYL1020

  • AI
    ## Overview of the PBYL1020 Schottky Rectifier The **PBYL1020** is a power Schottky barrier rectifier diode. It is specifically designed for high-frequency applications, low-voltage rectification, and free-wheeling functions. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications These parameters define the operational limits and performance of the PBYL1020: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 20 V | | **Average Forward Current** | $I_{F(AV)}$ | 10 A | | **Forward Voltage Drop** (at 10A) | $V_F$ | ~0.45 V | | **Peak Forward Surge Current** | $I_{FSM}$ | 120 A - 150 A | | **Operating Junction Temperature** | $T_j$ | -65 to +150 °C | | **Package Type** | - | TO-220AC | --- ### 2. Main Characteristics The PBYL1020 belongs to the Schottky diode family, which differs from standard PN-junction diodes in several ways: * **Low Forward Voltage ($V_F$):** It has a very low voltage drop across the diode when conducting, which reduces power loss and heat generation. * **High-Speed Switching:** Because it is a majority-carrier device, it has negligible reverse recovery time ($t_{rr}$), making it ideal for high-speed switching power supplies. * **Guard Ring Protection:** Most versions include an internal guard ring for stress protection and long-term reliability against high voltage transients. --- ### 3. Pin Configuration and Package The device is typically housed in a **TO-220AC** package (a two-lead version of the common TO-220). | Pin Number | Assignment | Description | | :--- | :--- | :--- | | **1** | Cathode (K) | Connected to the mounting base (tab) | | **2** | Anode (A) | Positive input | | **Tab** | Cathode (K) | Metal tab for heatsink attachment | --- ### 4. Common Applications Due to its 10A current rating and low voltage drop, it is frequently used in: * **Switching Mode Power Supplies (SMPS):** Secondary side rectification. * **DC-DC Converters:** For stepping down voltage efficiently. * **Polarity Protection:** Preventing damage if batteries or power sources are connected backward. * **OR-ing Diodes:** In redundant power supply systems. ---
    ✨ Follow-up Questions
    • What are the main differences between PBYL1020 and a standard silicon diode like 1N4007?
    • How does the temperature affect the reverse leakage current of this diode?
    • Can the PBYL1020 be used in 48V power systems?