AI

The **PBY5F10** is a specific part number typically associated with **SMD (Surface Mount Device) Electrolytic Capacitors**. These components are essential in modern circuit design for power management and signal stability.
Below is a detailed breakdown of the technical specifications, characteristics, and applications for this electronic part.
---
### 1. Technical Specifications
While exact specifications can vary slightly by manufacturer (such as Suncon or Samxon), the "PBY" series generally follows these parameters:
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor |
| **Mounting Type** | Surface Mount (SMD / V-Chip) |
| **Capacitance Range** | Typically 10µF to 1000µF (Varies by suffix) |
| **Voltage Rating** | 6.3V to 50V DC |
| **Operating Temperature** | -55°C to +105°C |
| **Tolerance** | ±20% (Standard) |
| **Endurance** | 1,000 to 2,000 hours at 105°C |
### 2. Physical Characteristics
The PBY series is designed for automated assembly (Pick-and-Place). Key features include:
* **Cylindrical Metal Can:** Houses the electrolyte and plates.
* **Plastic Base Plate:** Provides stability for reflow soldering.
* **Polarity Marking:** A dark band on the top of the capacitor indicates the negative (-) terminal.
### 3. Key Functions in a Circuit
The PBY5F10 performs several critical roles depending on its placement:
1. **Filtering:** It smooths out ripples in power supply lines, converting rectified AC or noisy DC into a steady voltage.
2. **Decoupling:** Placed near ICs to provide a local energy reservoir, preventing voltage drops during sudden high-current demands.
3. **Energy Storage:** Holds charge briefly to bridge gaps in power supply.
4. **Bypassing:** Diverts high-frequency noise to the ground to prevent interference with sensitive signals.
---
### 4. Comparison: Electrolytic vs. Ceramic
In the context of parts like the PBY series, it is important to know why an electrolytic capacitor is chosen over a MLCC (Ceramic):
| Feature | PBY (Electrolytic) | MLCC (Ceramic) |
| :--- | :--- | :--- |
| **Capacitance** | High (uF range) | Low to Medium (nF to uF) |
| **Polarity** | Polarized (Must be installed correctly) | Non-polarized |
| **Size** | Larger height profile | Very compact |
| **Cost** | Cheaper for high capacitance | More expensive for high capacitance |
---
### 5. Common Applications
* **Consumer Electronics:** Motherboards, monitors, and game consoles.
* **Power Supplies:** DC-DC converters and AC adapters.
* **Automotive:** Infotainment systems and non-critical sensor modules.
* **Telecommunications:** Routers, switches, and modems.
- ⤷
What are the risks of reverse polarity when installing a PBY5F10 capacitor?
- ⤷ How do I interpret the specific numbers in the PBY5F10 part code for voltage and capacitance?
- ⤷ What is the typical shelf life of an SMD electrolytic capacitor like this?