Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • PBY277

  • AI
    The **PBY277** is a specialized high-voltage silicon rectifier diode, typically used in power supply circuits, television sets, and industrial equipment. It is designed to handle high peak inverse voltages while maintaining a relatively small form factor. ### 1. Key Technical Specifications Below are the typical electrical characteristics for the PBY277 series: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Repetitive Peak Reverse Voltage | $V_{RRM}$ | 2000 | Volts (V) | | Average Forward Current | $I_{F(AV)}$ | 1.0 - 1.5 | Amperes (A) | | Max Forward Voltage Drop | $V_F$ | ~1.5 - 2.0 | Volts (V) | | Operating Temperature | $T_j$ | -65 to +150 | °C | | Reverse Recovery Time | $t_{rr}$ | Standard | ns/µs | --- ### 2. Functional Components and Construction The PBY277 is an **Electronic Part** categorized as a Discrete Semiconductor. Its construction involves: * **Silicon Junction:** A P-N junction doped specifically to withstand high electrical stress without breaking down. * **Encapsulation:** Usually housed in a molded plastic case (like DO-41 or similar axial leads) that provides high dielectric strength to prevent arcing at 2kV. * **Anode and Cathode:** Like all diodes, it allows current to flow from the Anode to the Cathode, blocking it in the reverse direction. --- ### 3. Common Applications Due to its high voltage rating (2000V), the PBY277 is used in the following circuits: 1. **High Voltage Rectification:** Converting AC to DC in cathode ray tube (CRT) monitors or older television sets. 2. **Voltage Multipliers:** Used in "ladder" circuits to step up voltages to very high levels for scientific or industrial tools. 3. **Snubber Circuits:** Protecting sensitive components from inductive voltage spikes in power switching applications. 4. **X-Ray Power Supplies:** Small-scale medical or security imaging equipment. --- ### 4. Implementation Example If you were to use this in a simple half-wave rectifier circuit, the schematic logic would look like this: ```mermaid graph LR AC_Source --- PBY277_Anode PBY277_Cathode --- Load Load --- AC_Return ``` ---
    ✨ Follow-up Questions
    • What are the main differences between the PBY277 and the 1N4007 diode?
    • Can the PBY277 be used in high-frequency switching power supplies?
    • What are the thermal management requirements for a 1.5A load on this diode?