PBY274
AI

The **PBY274** is a specific model of a **Full-Wave Bridge Rectifier**. It is an integrated electronic component consisting of four diodes connected in a bridge configuration, used primarily to convert Alternating Current (AC) into Direct Current (DC).
### 1. Key Technical Specifications
The PBY274 is designed for medium-power applications. Below are the typical electrical characteristics:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Component Type** | Single-Phase Bridge Rectifier |
| **Max Peak Reverse Voltage ($V_{RRM}$)** | 400V - 600V (Variant dependent) |
| **Max Average Forward Current ($I_{F(AV)}$)** | 1.0A to 1.5A |
| **Peak Forward Surge Current ($I_{FSM}$)** | 30A to 50A |
| **Operating Temperature** | -55°C to +150°C |
| **Package Style** | Through-hole (usually Circular or Square SIL) |
---
### 2. Functional Anatomy
A bridge rectifier like the PBY274 simplifies circuit design by housing four internal silicon diodes in a single package.
* **Input (AC Terminals):** Two pins marked with a sine wave symbol ($\sim$). These receive the oscillating voltage from a transformer.
* **Output (DC Terminals):** Two pins marked with **+** (Positive) and **-** (Negative). This provides the rectified pulsating DC.
---
### 3. Applications
The PBY274 is commonly found in the "Power Stage" of electronic devices:
* **AC/DC Adapters:** Converting wall outlet power for small electronics.
* **Power Supplies:** Used in radios, TV sets, and desktop chargers.
* **Battery Chargers:** Providing the rectified current needed to charge lead-acid or Li-ion batteries via a regulator.
---
### 4. Circuit Implementation Example
In a standard power supply circuit, the PBY274 is usually followed by a **Smoothing Capacitor** to reduce voltage ripple.
```text
AC Input (24V) ----> [ ~ PBY274 ~ ] ----> (+) ---- [ Capacitor ] ----> DC Out
[ Bridge ] ---- (-) ----------------------> Ground
```
---
### 5. Troubleshooting Tips
If you are testing a PBY274 with a multimeter in **Diode Mode**:
1. **Forward Bias:** Placing the Red lead on an AC pin and Black lead on the (+) pin should show a reading (approx. 0.6V).
2. **Reverse Bias:** Reversing the leads should show "OL" (Open Loop).
3. **Short Circuit:** If the multimeter beeps or shows 0.00V in both directions between any two pins, the bridge rectifier is blown and must be replaced.
- ⤷What are the equivalent replacement parts for a PBY274?
- ⤷ How do I calculate the filter capacitor size for this rectifier?
- ⤷ What is the difference between the PBY274 and the 1N4007 diode?