OR2-0-R/Q
AI

The part number **OR2-0-R/Q** typically refers to a **0 Ohm (Zero-Ohm) Resistor** (often called a Jumper) in a surface-mount device (SMD) package. These components are essential in modern PCB design for configuration and manufacturing flexibility.
---
### 1. Technical Specifications
The following table outlines the general characteristics of a standard 0-ohm jumper resistor:
| Property | Specification |
| :--- | :--- |
| **Resistance** | 0 $\Omega$ (Max actual resistance $\approx$ 50m$\Omega$) |
| **Power Rating** | Typically 1/10W to 1/4W (Size dependent) |
| **Tolerance** | Jumper (not applicable in the traditional sense) |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Suffix -R/Q** | Often denotes packaging (Tape & Reel) and Lead-Free status |
### 2. Why Use a 0-ohm Resistor?
It may seem counterintuitive to use a resistor with no resistance, but they serve several critical engineering purposes:
* **PCB Configuration:** They act as "switches." By soldering or removing a 0-ohm resistor, a designer can enable or disable specific features of a circuit without redesigning the PCB layout.
* **Bridge Over Traces:** In single-layer PCB designs, a 0-ohm resistor can be used to "jump" over an existing copper trace.
* **Automated Assembly:** Using a component rather than a wire jumper allows standard Pick-and-Place machines to install the bridge automatically, reducing labor costs.
* **Grounding Isolation:** They are used to connect different grounds (e.g., Analog Ground to Digital Ground) at a single point to minimize noise interference.
### 3. Part Number Breakdown (General Convention)
While part numbering varies by manufacturer (such as Yageo or Vishay), the breakdown usually follows this logic:
| Segment | Meaning |
| :--- | :--- |
| **OR2** | Indicates the series or resistance value (0R = 0 Ohms) |
| **-0** | Reiteration of the 0-ohm value |
| **-R** | Usually indicates **RoHS Compliant** (Lead-Free) |
| **-Q** | Often refers to **Automotive Grade** (AEC-Q200) or high-quality reel packaging |
---
### 4. Comparison with Alternatives
| Feature | 0-ohm Resistor | Solder Bridge | Physical Wire |
| :--- | :--- | :--- | :--- |
| **Precision** | High | Low | Moderate |
| **Automation** | Excellent | Manual/Difficult | Manual |
| **Reversibility** | Easy | Messy | Difficult |
| **Visual Appeal** | Professional | Amateur | Unprofessional |
- ⤷
What is the maximum current capacity for a typical 0-ohm SMD resistor?
- ⤷ In what scenarios should I use a ferrite bead instead of a 0-ohm resistor?
- ⤷ How does the package size (e.g.
- ⤷ 0603 vs 1206) affect the performance of a jumper?