OP2177ARMZ-R7
AI

The **OP2177ARMZ-R7** is a high-precision, low-noise, dual-channel operational amplifier (Op-Amp) manufactured by **Analog Devices**. It is part of the OPx177 family, known for its extremely low offset voltage and drift, making it ideal for precision sensor interfaces and instrumentation.
---
### 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Number of Channels** | 2 (Dual Op-Amp) |
| **Supply Voltage (Dual)** | ±2.5 V to ±15 V |
| **Supply Voltage (Single)** | 5 V to 30 V |
| **Offset Voltage (Max)** | 60 μV |
| **Offset Drift (Max)** | 0.7 μV/°C |
| **Gain Bandwidth Product** | 1.3 MHz |
| **Slew Rate** | 0.7 V/μs |
| **Package Type** | MSOP-8 (ARMZ suffix) |
| **Packing Type** | Tape & Reel (R7 suffix) |
---
### 2. Functional Characteristics
* **Ultra-Low Offset:** The device is laser-trimmed at the wafer level to ensure minimal input offset voltage, which is critical for DC accuracy.
* **Low Noise:** It features a very low 1/f noise corner and a voltage noise density of approximately $8 \text{ nV}/\sqrt{\text{Hz}}$ at 1 kHz.
* **Low Bias Current:** Utilizing a bipolar input stage, it manages to keep input bias currents very low (max 2 nA), reducing errors in high-impedance circuits.
* **High CMRR/PSRR:** It boasts a Common-Mode Rejection Ratio (CMRR) and Power Supply Rejection Ratio (PSRR) typically exceeding 120 dB.
---
### 3. Part Number Breakdown: `OP2177ARMZ-R7`
```text
OP 2 177 A RM Z - R7
| | | | | | |
| | | | | | +-- 7" Tape and Reel Packaging
| | | | | +------- RoHS Compliant (Lead-Free)
| | | | +----------- Package: MSOP (Micro Small Outline Package)
| | | +-------------- Temperature Grade: -40°C to +125°C
| | +------------------ Model Series
| +---------------------- Channel Count (2 = Dual)
+-------------------------- Precision Op-Amp Series prefix
```
---
### 4. Common Applications
1. **Precision Instrumentation:** Used in weigh scales, strain gauges, and bridge transducers.
2. **Medical Equipment:** Ideal for ECG/EKG amplification where low noise and high CMRR are vital.
3. **Photodiode Amplifiers:** Used in optical sensors due to low bias current.
4. **Loop-Powered Systems:** Low quiescent current (approx. 400 μA per amplifier) makes it suitable for 4-20 mA industrial loops.
- ⤷
What are the main differences between the OP2177 and the single-channel OP1177?
- ⤷ How does the MSOP-8 package affect thermal dissipation compared to SOIC-8?
- ⤷ Is the OP2177 suitable for rail-to-rail input/output applications?