OMM0204VB3JB0
AI

The **OMM0204VB3JB0** is a specific part number for a professional-grade MELF (Metal Electrode Leadless Face) resistor manufactured by **Vishay Beyschlag**. These resistors are known for their high reliability and stability compared to standard thick-film chip resistors.
### 1. General Specifications
The part number follows a specific nomenclature that defines its physical and electrical characteristics.
| Feature | Specification |
| :--- | :--- |
| **Series** | SMM0204 (Professional MELF) |
| **Package Size** | 0204 (Equivalent to SOD-80 / MiniMELF) |
| **Resistance Value** | 3.3 MΩ (Based on code "3JB0") |
| **Tolerance** | ± 5% |
| **Power Rating** | 0.25 W (at 70°C) |
| **Max Operating Voltage** | 200 V |
---
### 2. Breakdown of the Part Number
The alphanumeric string can be broken down into segments that describe the component:
* **OMM0204**: The series identifier. "MM" refers to the MELF Professional series. The "0204" indicates the physical dimensions (approx. 3.6mm length, 1.4mm diameter).
* **V**: Typically denotes a specific temperature coefficient or packaging variant (often Lead-free/RoHS compliant).
* **B**: Tolerance code (though in standard Vishay coding, J is the common 5% marker, "B" can refer to specific TCR levels or internal plant codes).
* **3JB0**: This is the resistance value multiplier. "3J" signifies a base value, and "B0" indicates the decimal placement and bulk packaging.
---
### 3. Key Technical Advantages
The MELF construction provides several benefits over standard flat SMD resistors:
1. **Pulse Stability**: The cylindrical design allows for a larger effective resistive film area, making it much better at handling power surges and pulses.
2. **Thermal Performance**: Excellent heat dissipation due to the circular shape.
3. **Environmental Resistance**: High moisture resistance and superior long-term stability under harsh conditions.
4. **Low Noise**: Lower current noise and non-linearity compared to thick-film alternatives.
---
### 4. Typical Applications
Because of its high reliability, this component is commonly found in:
* **Automotive Electronics**: Engine control units, braking systems (ABS), and lighting.
* **Industrial Power Supplies**: Feedback loops and high-voltage sensing.
* **Medical Equipment**: Diagnostic tools requiring precise measurement.
* **Telecommunications**: Infrastructure equipment exposed to temperature fluctuations.
---
- ⤷
What is the exact resistance value of the 3JB0 code?
- ⤷ How does the MELF package differ from a standard 0805 SMD resistor?
- ⤷ What are the soldering requirements for OMM0204 series components?