Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • OA2AE20-R01

  • AI
    ## Technical Analysis: OA2AE20-R01 The **OA2AE20-R01** is a high-performance, pluggable optical amplifier module, specifically an **EDFA (Erbium-Doped Fiber Amplifier)**. These components are critical in long-haul fiber optic communications to boost signals without converting them back into electrical signals. --- ### 1. General Specifications This module is designed for integration into DWDM (Dense Wavelength Division Multiplexing) systems. | Feature | Specification | | :--- | :--- | | **Component Type** | Optical Amplifier (EDFA) | | **Wavelength Range** | C-Band (approx. 1528nm to 1568nm) | | **Form Factor** | Small Form Factor (often MSA compliant) | | **Application** | Metro and Long-haul Optical Networking | | **Gain Type** | Variable or Fixed Gain (depending on configuration) | --- ### 2. Core Electronic and Optical Parts The OA2AE20-R01 consists of several internal subsystems that manage the light amplification process: #### A. Erbium-Doped Fiber (EDF) * **Function:** The medium where amplification occurs. * **Operation:** The silica fiber is doped with trivalent Erbium ions. When pumped with specific laser light, these ions reach an excited state and provide gain to the incoming signal through stimulated emission. #### B. Pump Lasers (980nm or 1480nm) * **Function:** Provides the energy source for the amplifier. * **Details:** These high-power semiconductor lasers "pump" the Erbium ions into a higher energy state. Most modern EDFAs use 980nm lasers for low-noise performance. #### C. WDM Couplers / Combiners * **Function:** Merges the signal light (C-band) and the pump light (980nm/1480nm) into the same fiber. #### D. Optical Isolators * **Function:** Prevents back-reflections. * **Importance:** Reflections can cause laser instability and increase noise (ASE - Amplified Spontaneous Emission). #### E. Control Electronics (Microcontroller/DSP) * **Function:** Manages the "intelligence" of the module. * **Features:** * **APC (Automatic Power Control):** Maintains constant output power. * **AGC (Automatic Gain Control):** Maintains constant gain despite input fluctuations. * **Monitoring:** Tracks temperature, pump current, and back-facet monitor diodes. --- ### 3. Pinout and Interface Logic The electronic interface (typically a multi-pin connector on the underside) handles the following signals: 1. **Power Supply:** Usually requires 3.3V or 5V DC. 2. **I2C / Management Interface:** Used by the host system to read telemetry (Input/Output power levels) and set gain parameters. 3. **Alarm Pins:** Hardware pins for "Loss of Signal" (LOS) or "Pump Fail." 4. **Reset/Enable:** Electronic controls to cycle the module or shut down the pump laser for safety. --- ### 4. Application Context The "20" in the part number often signifies a **20dB Gain** or a specific saturation output power level. These modules are typically found in: * **Booster Amplifiers:** Placed immediately after the transmitter to increase launch power. * **In-line Amplifiers:** Placed every 80-100km in a fiber link to compensate for attenuation. * **Pre-amplifiers:** Placed before the receiver to increase sensitivity. ---
    ✨ Follow-up Questions
    • ⤷ What is the typical power consumption for the OA2AE20-R01 module?
    • ⤷ Does this module support AGC (Automatic Gain Control) mode?
    • ⤷ How do I interface with the I2C registers to read the input optical power?