OA2A20-R010
AI

The **OA2A20-R010** is an electronic component manufactured by **Nippon Chemi-Con** (or associated distribution networks). It is specifically categorized as an **Overvoltage Absorption Unit**, commonly referred to as a **Surge Absorber** or **Varistor Unit**.
---
## 1. Technical Specifications
The device is designed to protect electronic equipment from transient voltage spikes (surges) caused by lightning or switching inductive loads.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Surge Absorber (Varistor Unit) |
| **Max Operating Voltage** | Typically 250V AC (for 220V lines) |
| **Varistor Voltage** | ~470V (Voltage at which it starts conducting) |
| **Energy Rating** | High Joules (designed for industrial power protection) |
| **Housing** | Plastic casing with screw terminals or wire leads |
---
## 2. Core Functions
The OA2A20-R010 performs three primary electronic roles:
1. **Transient Voltage Suppression (TVS):** It monitors the incoming voltage. When a spike exceeds its threshold, it switches from a high-resistance state to a low-resistance state.
2. **Current Shunting:** It diverts the excess current away from sensitive downstream components (like PLCs or power supplies) to the ground.
3. **EMI/RFI Filtering:** Often used in conjunction with RC circuits to reduce electromagnetic interference on AC lines.
---
## 3. Circuit Configuration
Most units in this series utilize a **Metal Oxide Varistor (MOV)** as the core element. Below is a simplified representation of how it is integrated into a system:
```mermaid
graph LR
A[AC Power Source] --> B{OA2A20-R010}
B --> C[Sensitive Load/PLC]
B --- D[Ground/Earth]
```
---
## 4. Typical Applications
* **Industrial Automation:** Protecting Programmable Logic Controllers (PLCs) and CNC machines.
* **Power Supplies:** Input stage protection for AC/DC converters.
* **Motor Control:** Suppressing back-EMF when large motors or solenoids are switched off.
* **Infrastructure:** Used in distribution panels to prevent lightning damage.
---
## 5. Maintenance and Safety
* **Wear and Tear:** Varistors degrade over time after multiple surge events. If the unit appears charred or the thermal fuse (if equipped) has tripped, it must be replaced.
* **Polarity:** As an AC device, it is generally non-polarized, but ensure the Ground/Earth lead is connected to a low-impedance path.
- ⤷
What is the peak pulse current rating for the OA2A20 series?
- ⤷ How do I test if an OA2A20-R010 is still functional using a multimeter?
- ⤷ What are the primary differences between this unit and a standard ZNR varistor?