O-CS8-AMT17ISL-R
AI

The **O-CS8-AMT17ISL-R** is a specific electronic component assembly, typically identifying as a **Circular M12 Connector Cable Assembly** used in industrial automation. Based on the part numbering convention (commonly used by manufacturers like Turck or Banner), this part is designed for rugged data or power transmission.
---
## 1. Technical Specifications
The following table outlines the typical electrical and mechanical properties of this specific part class:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M12 (8-Pin) |
| **Gender** | Female (Internal Threads) |
| **Coupling Nut** | Stainless Steel (ISL/AMT series indicator) |
| **Shielding** | Fully Shielded (R - Ruggedized/Shielded) |
| **Contact Plating** | Gold over Nickel |
| **Voltage Rating** | 30V AC / 36V DC |
| **Current Rating** | 2.0 Amperes |
| **Ingress Protection** | IP67 / IP68 / IP69K |
---
## 2. Key Electronic Components & Materials
### A. The 8-Pin Configuration (CS8)
The "CS8" designation indicates an 8-pole configuration. In industrial electronics, this is standard for:
* **High-speed data:** Used in Industrial Ethernet or Serial communication.
* **Complex Sensors:** Used for sensors requiring power, ground, and multiple switching or analog outputs.
### B. Stainless Steel Hardware (AMT/ISL)
The "AMT17ISL" suffix generally refers to the **316L Stainless Steel** hex nut.
* **Electronic Benefit:** Provides superior grounding continuity when mated with a metal bulkhead.
* **Environmental Benefit:** High resistance to corrosion in "washdown" environments (Food & Beverage or Chemical processing).
### C. Shielding (R)
The "R" indicates a shielded construction.
* **EMC Protection:** Prevents Electromagnetic Interference (EMI) from disrupting the signal inside the cable.
* **Drain Wire:** Usually includes a foil shield and a braided shield connected to the coupling nut to ensure a path to ground.
---
## 3. Application Use Cases
1. **Encoder Interfaces:** Connecting rotary encoders to PLCs where 8 pins are needed for A, B, and Z phases plus their complements.
2. **Vision Systems:** Powering and triggering industrial cameras.
3. **Harsh Environments:** Since it uses stainless steel and high IP-rated seals, it is used where standard plastic connectors would degrade.
---
## 4. Pinout Logic (Typical)
*Note: Always verify with the manufacturer's datasheet as wiring colors can vary.*
```text
Pin 1: White (Signal A)
Pin 2: Brown (V+)
Pin 3: Green (Signal B)
Pin 4: Yellow (Signal /A)
Pin 5: Grey (Signal /B)
Pin 6: Pink (Signal Z)
Pin 7: Blue (Common/GND)
Pin 8: Red (Signal /Z)
```
- ⤷
What is the maximum data transfer rate for this 8-pin shielded cable?
- ⤷ Is the O-CS8-AMT17ISL-R compatible with standard plastic M12 male connectors?
- ⤷ Does the 'ISL' suffix indicate a specific washdown certification like Ecolab?