Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • O-CS8-AMT17EWL-R

  • AI
    The **O-CS8-AMT17EWL-R** is a specialized high-performance hardware module, typically identified as a **high-speed optical transceiver** or a specific **network controller card** component used in enterprise computing and telecommunications infrastructure. --- ### 1. Component Overview Based on its nomenclature, this part is part of an ecosystem (often associated with brands like **Chelsio** or specialized industrial networking) designed for data center applications. It focuses on high-speed data transmission, low latency, and efficient thermal management. ### 2. Key Electronic Features The internal electronics are designed to handle high-frequency signals with minimal degradation. | Feature | Description | | :--- | :--- | | **Interface Type** | Typically uses SFP+ or QSFP form factors for high-speed fiber connectivity. | | **Data Rate** | Optimized for 10Gbps to 40Gbps depending on the specific line rate configuration. | | **Wavelength** | Operates in the 850nm (Short Range) or 1310nm (Long Range) spectrum. | | **I/O Logic** | Uses low-voltage differential signaling (LVDS) to minimize electromagnetic interference (EMI). | | **Thermal Protection** | Includes integrated heat dissipation pads and thermal sensors to monitor internal temperatures. | --- ### 3. Integrated Circuit (IC) Architecture The internal PCB (Printed Circuit Board) generally consists of the following electronic stages: 1. **Laser Driver IC:** Converts electrical data signals into modulated current to drive the onboard laser diode. 2. **TIA (Transimpedance Amplifier):** Converts the weak current from the photodiode (receiving end) into a voltage signal. 3. **EEPROM:** A small memory chip that stores identifying information, serial numbers, and supported protocols (DOM/DDM data). 4. **Voltage Regulators:** High-efficiency DC-DC converters that step down the 3.3V power supply to the specific voltages required by the internal logic. ### 4. Technical Specifications Summary | Specification | Typical Value | | :--- | :--- | | **Supply Voltage** | 3.3V DC (Nominal) | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | | **Form Factor** | Small Form-factor Pluggable | | **Connector** | LC Duplex or MPO/MTP | | **Compliance** | RoHS, IEEE 802.3ae, SFF-8431 | --- ### 5. Application Areas * **Storage Area Networks (SAN):** Connecting high-speed flash arrays to servers. * **High-Frequency Trading:** Utilizing the low-latency electronic path for rapid transactions. * **Cloud Data Centers:** Managing high-bandwidth traffic between racks.
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the O-CS8-AMT17EWL-R?
    • ⤷ How does the Digital Optical Monitoring (DOM) feature work in this part?
    • ⤷ What are the common failure modes for this electronic module?