Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • O-CS8-ALS17EWL-R

  • AI
    The **O-CS8-ALS17EWL-R** is a specialized electronic component, typically categorized as an **Optical Ambient Light Sensor (ALS)** module. These components are designed to sense the intensity of light in the surrounding environment to adjust display brightness or trigger specific power-saving modes. --- ### 1. Component Specifications The following table outlines the technical characteristics typical for this specific series: | Parameter | Description | | :--- | :--- | | **Component Type** | Ambient Light Sensor (ALS) | | **Interface** | I2C (Inter-Integrated Circuit) | | **Spectral Response** | Closely matches the human eye (Photopic) | | **Supply Voltage (Vcc)** | 1.7V to 3.6V (Standard Range) | | **Dynamic Range** | Wide range (typically 0.01 lux to 64k lux) | | **Package Type** | Surface Mount (SMD) / Optical LGA | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Internal Architecture The sensor is comprised of several key electronic sub-sections: * **Photodiode Array:** Converts incoming photons into a small electrical current. One photodiode usually detects visible light, while another may detect infrared (IR) to compensate for noise. * **Analog-to-Digital Converter (ADC):** A high-resolution (often 16-bit) ADC converts the analog current from the photodiodes into digital data. * **Control Logic & I2C Interface:** This allows a microcontroller (MCU) to read the lux values and configure settings like integration time and gain. * **Interrupt Engine:** A digital block that can send a signal to the MCU only when light levels cross a predefined threshold, saving system power. --- ### 3. Application Circuit Example To integrate this part, a standard pull-up resistor configuration is required for the I2C bus. ```cpp // Pseudocode for reading sensor data via I2C #include #define ALS_ADDR 0xXX // Specific I2C Address void setup() { Wire.begin(); // Initialize sensor: Set Gain and Integration Time writeRegister(ALS_ADDR, CONFIG_REG, 0x01); } void loop() { uint16_t lightLevel = readData(ALS_ADDR, DATA_REG); Serial.print("Current Lux: "); Serial.println(lightLevel); delay(500); } ``` --- ### 4. Key Features 1. **IR Compensation:** It filters out infrared light (from the sun or incandescent bulbs) to ensure the sensor "sees" exactly what a human eye sees. 2. **Low Power Consumption:** Designed for mobile devices, drawing very little current in "Standby" or "Sleep" modes. 3. **Flicker Rejection:** Internal circuitry often filters out the 50Hz/60Hz flicker from artificial indoor lighting.
    ✨ Follow-up Questions
    • ⤷ What is the exact I2C address for the O-CS8-ALS17EWL-R?
    • ⤷ How does the IR compensation feature improve lux accuracy?
    • ⤷ What are the typical pinout connections for this SMD package?