NF2010A-RQ
AI

## NF2010A-RQ Electronic Overview
The **NF2010A-RQ** is an industrial-grade **Single-Phase AC Power Line Filter**. It is primarily used to suppress electromagnetic interference (EMI) and radio frequency interference (RFI) in electrical circuits, ensuring compliance with electromagnetic compatibility (EMC) standards.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Rated Voltage** | 250V AC |
| **Rated Current** | 10A |
| **Operating Frequency** | 50 / 60 Hz |
| **Test Voltage (Line to Ground)** | 2000V AC (1 minute) |
| **Test Voltage (Line to Line)** | 1450V DC (1 minute) |
| **Temperature Range** | -25°C to +85°C |
---
### 2. Internal Electronic Components
The device acts as a **Low-Pass Filter**, typically consisting of a passive network of inductors and capacitors.
* **Common Mode Choke (Inductors):** These are wound on a high-permeability ferrite core. They provide high impedance to common-mode noise (noise flowing in the same direction on both lines) while allowing the power current to pass.
* **X-Capacitors (Line-to-Line):** These bridge the Live and Neutral lines to suppress differential-mode interference.
* **Y-Capacitors (Line-to-Ground):** These connect the lines to the ground/chassis. They are critical for filtering common-mode noise, but their value is limited by safety standards to keep "leakage current" at a safe level.
* **Bleeder Resistor:** A high-value resistor is often included across the X-capacitor to discharge the stored energy once power is disconnected, preventing electric shock.
---
### 3. Connection and Pinout
The NF2010A-RQ usually features a metal housing that acts as an additional shield.
* **LINE Side:** Input from the mains power source.
* **LOAD Side:** Output to the sensitive electronic equipment.
* **Ground Lug:** The metal casing must be securely grounded to the chassis to ensure the Y-capacitors function correctly.
---
### 4. Applications
* **Switch Mode Power Supplies (SMPS):** Reducing high-frequency switching noise.
* **Industrial Automation:** Protecting PLCs and sensors from grid noise.
* **Medical Equipment:** Ensuring low leakage and high stability.
* **Office Electronics:** Preventing computers and printers from polluting the local power grid.
- ⤷
What is the difference between differential mode and common mode noise in this filter?
- ⤷ How do I calculate the leakage current for the NF2010A-RQ?
- ⤷ What are the mounting requirements for optimal EMI shielding?