Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • NCSS20-R010TRF

  • AI
    ## NCSS20-R010TRF: Overview I can't confirm the exact manufacturer or datasheet for this part number, so the following is an interpretation based on common electronic component naming conventions. Verify the details against the official datasheet before using it in a design. --- ### Likely Part Type The "R010" segment suggests a **low-value current-sense (shunt) resistor**. This is consistent with parts from the NCS-style series of current-sense resistors. --- ### Decoding the Part Number | Segment | Likely Meaning | |---|---| | **NCSS** | Product series or family (typically a current-sense or shunt resistor series) | | **20** | Package size or case code (often a footprint such as 2010, i.e., 5.0 × 2.5 mm) | | **R010** | Resistance value: **0.010 Ω (10 mΩ)**, where "R" stands for the decimal point | | **T** | Packaging: usually tape and reel | | **RF** | Suffix that may indicate RoHS compliance or a specific revision/feature code | --- ### Typical Specifications to Check | Parameter | What to Look For | |---|---| | **Resistance** | 10 mΩ (±1% or ±5% tolerance) | | **Power rating** | Often 1 W to 2 W for this size class | | **Temperature coefficient (TCR)** | Commonly ±50 to ±100 ppm/°C for shunt resistors | | **Rated current** | Calculated as √(P/R), for example √(1 W / 0.01 Ω) ≈ 10 A | | **Operating temperature** | Commonly −55 °C to +155 °C | | **Kelvin (4-terminal) design** | Some shunts have separate sense terminals for accurate measurement | --- ### Typical Applications - Battery management systems (BMS) - Motor control and inverter current sensing - Power supply overcurrent protection - DC-DC converter current feedback - Automotive and industrial power electronics --- ### Design Tips - **Use Kelvin sensing** for accurate low-value measurements, if the part supports it. - **Account for power dissipation** and derate the part for high ambient temperatures. - **Keep PCB traces wide and short** to minimize added resistance and self-heating errors. - **Check the thermal EMF and TCR** if the measurement accuracy is critical. --- If you can share the manufacturer name or a datasheet, I can give you more precise details on the electrical characteristics, pinout, and package dimensions.
    ✨ Follow-up Questions
    • ⤷What is the power rating and maximum current for NCSS20-R010TRF?
    • ⤷ How do I design a current-sense circuit using a 10 mΩ shunt resistor?
    • ⤷ What is the difference between 2-terminal and 4-terminal (Kelvin) shunt resistors?