MXLCF-S3Z1-R
AI

The **MXLCF-S3Z1-R** is a specific surface-mount electronic component, typically categorized as a **Chip Fuse** or a high-current protective device. Below is a detailed technical breakdown of its electronic characteristics and specifications.
### 1. Component Overview
This component belongs to the family of surface-mount (SMD) fuses designed for power supply protection and high-reliability circuits. It is engineered to handle specific current thresholds and interrupt the circuit in the event of an overcurrent condition.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Chip Fuse / Surface Mount Fuse |
| **Current Rating** | Typically 3A (indicated by '3' in the part number) |
| **Voltage Rating** | High Voltage/Standard (Varies by series, often up to 125V AC/DC) |
| **Response Characteristic** | Fast Acting / Slow Blow (S-Series usually denotes Slow-Blow) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package Size** | Industrial standard footprint (e.g., 1206 or 0603 depending on prefix) |
---
### 3. Key Electronic Characteristics
* **Interrupting Rating:** This represents the maximum current the fuse can safely interrupt at the rated voltage without physically exploding or sustaining an arc.
* **Cold Resistance:** The internal resistance of the fuse when no current is flowing. For the S3Z1-R, this is kept extremely low to minimize voltage drop across the component.
* **Melting $I^2t$ (Ampere-squared seconds):** This value determines the energy required to melt the fuse element. Being a "Slow Blow" (S-series), it allows for brief inrush current spikes (like a motor starting) without tripping prematurely.
* **RoHS Compliance:** The "-R" suffix generally denotes that the part is Lead-Free and complies with RoHS environmental standards.
### 4. Typical Applications
The MXLCF-S3Z1-R is used in circuits where space is limited but high-current protection is required:
* **Battery Management Systems (BMS):** Protecting cells from short circuits.
* **LCD Monitors/TVs:** Safeguarding the power inverter circuits.
* **Industrial Controllers:** Protecting sensitive I/O ports.
* **DC-DC Converters:** Providing secondary side protection.
---
### 5. Part Number Breakdown (Generic Industry Logic)
While manufacturers have unique codes, the code **MXLCF-S3Z1-R** typically follows this logic:
* **MXL:** Manufacturer or Series Prefix.
* **CF:** Chip Fuse.
* **S:** Slow-Blow (Time-delay) characteristic.
* **3:** 3 Ampere rating.
* **Z1:** Internal construction/Packaging code.
* **R:** RoHS Compliant / Tape & Reel packaging.
- ⤷What is the exact package size (e.g.
- ⤷ 1206) for this specific part number?
- ⤷ Can you provide the maximum voltage rating for the S3Z1-R variant?
- ⤷ How does the 'Slow-Blow' characteristic differ from a 'Fast-Acting' fuse in this series?