MV28T3CD-R
AI

Based on technical specifications for the **MV28T3CD-R**, this component is a high-precision **Voltage Controlled Temperature Compensated Crystal Oscillator (VCTCXO)**, typically manufactured by companies like Microchip (formerly Vectron).
---
## 1. Component Overview
The MV28T3CD-R is designed for telecommunications and networking hardware where frequency stability is critical. It bridges the gap between a standard Crystal Oscillator (XO) and a highly stable Oven Controlled Crystal Oscillator (OCXO).
### Key Technical Specifications
| Parameter | Specification / Value |
| :--- | :--- |
| **Component Type** | VCTCXO (Voltage Controlled Temperature Compensated Crystal Oscillator) |
| **Output Frequency** | Commonly 10.000 MHz (Varies by sub-model) |
| **Supply Voltage (Vcc)** | Typically 3.3V or 5.0V |
| **Frequency Stability** | ±0.28 ppm to ±0.5 ppm (over temp range) |
| **Output Waveform** | CMOS or Clipped Sine Wave |
| **Package Type** | Surface Mount (SMD) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
## 2. Core Functional Blocks
To understand the electronic parts inside the MV28T3CD-R, we look at its internal architecture:
### A. The Quartz Crystal Resonator
The heart of the device is a precision-cut quartz crystal. In the "MV" series, this is usually an **AT-cut crystal**, chosen for its excellent temperature characteristics.
### B. Temperature Compensation Circuit (TC)
Unlike a standard oscillator, this part contains a thermistor-based compensation network. It senses ambient temperature changes and applies a corrective voltage to the oscillation loop to prevent frequency drift.
### C. Voltage Control (VC) Function
The "V" in VCTCXO stands for Voltage Control.
* **Purpose:** Allows the user to fine-tune the output frequency by applying an external control voltage (usually via Pin 1).
* **Application:** Used for Phase Locked Loops (PLL) to sync the clock with a master reference (like GPS).
### D. Output Buffer
The internal circuitry includes a buffer amplifier to ensure the output signal maintains its integrity across different capacitive loads without affecting the crystal’s resonance.
---
## 3. Pin Configuration (Typical)
The MV28T3CD-R usually utilizes a standard 4 or 6-pin SMD footprint:
1. **Pin 1 (VC):** Voltage Control input for frequency tuning.
2. **Pin 2 (GND):** Case ground and negative supply.
3. **Pin 3 (Output):** The high-frequency clock signal output.
4. **Pin 4 (Vcc):** Positive supply voltage input.
---
## 4. Typical Applications
* **Basestations:** Synchronizing 4G/5G small cells.
* **Stratum 3 Clocks:** Used in digital switching and transmission systems.
* **Test & Measurement:** Providing a stable timebase for portable equipment.
* **GPS Receivers:** Fast signal acquisition requires the stability provided by VCTCXOs.
- ⤷
What is the difference between the MV28T3CD-R and a standard OCXO?
- ⤷How do I calculate the load capacitance for the output pin?
- ⤷Does this component require specific PCB layout considerations to reduce noise?